Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC447LC3 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC447LC3
Description  RoHS Compliant 3x3 mm SMT Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC447LC3 Datasheet(HTML) 2 Page - Analog Devices

  HMC447LC3 Datasheet HTML 1Page - Analog Devices HMC447LC3 Datasheet HTML 2Page - Analog Devices HMC447LC3 Datasheet HTML 3Page - Analog Devices HMC447LC3 Datasheet HTML 4Page - Analog Devices HMC447LC3 Datasheet HTML 5Page - Analog Devices HMC447LC3 Datasheet HTML 6Page - Analog Devices HMC447LC3 Datasheet HTML 7Page - Analog Devices HMC447LC3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC447LC3
v04.0514
SMT GaAs HBT MMIC
DIVIDE-BY-4, 10 - 26 GHz
SSB Phase Noise Performance,
Pin= 0 dBm, Fin = 22 GHz, T= 25 °C
Input Sensitivity Window, T= 25 °C
Input Sensitivity Window vs. Temperature
Output Power vs. Temperature
Reverse Leakage, Pin= 0 dBm, T= 25 °C
Output Port Terminated
Output Harmonic Content,
Pin= 0 dBm, T= 25 °C
-25
-20
-15
-10
-5
0
5
10
15
20
8
10
12
14
16
18
20
22
24
26
28
INPUT FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
8
10
12
14
16
18
20
22
24
26
28
INPUT FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
8
10
12
14
16
18
20
22
24
26
28
Pfeedthru
2nd Harmonic
3rd Harmonic
INPUT FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
8
12
16
20
24
28
+25C
+85C
-40C
INPUT FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
5
10
15
20
8
10
12
14
16
18
20
22
24
26
28
Min Pin +25C
Max Pin +25C
Min Pin +85C
Max Pin +85C
Min Pin -40C
Max Pin -40C
INPUT FREQUENCY (GHz)
Recommended
Operating Window
-160
-140
-120
-100
-80
-60
-40
-20
0
10
2
10
3
10
4
10
5
10
6
OFFSET FREQUENCY (Hz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC447LC3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC447LC3 HITTITE-HMC447LC3 Datasheet
323Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, 10 - 26 GHz
HMC447LC3 HITTITE-HMC447LC3 Datasheet
240Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, 10 - 26 GHz
HMC447LC3 HITTITE-HMC447LC3_09 Datasheet
240Kb / 6P
   SMT GaAs HBT MMIC DIVIDE-BY-4, 10 - 26 GHz
More results

Similar Description - HMC447LC3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC561LP3 AD-HMC561LP3 Datasheet
365Kb / 6P
   RoHS Compliant 3x3 mm SMT Package
HMC573LC3B AD-HMC573LC3B Datasheet
337Kb / 6P
   RoHS Compliant 3x3 mm SMT Package
logo
Dialight Corporation
C-17405 DIALIGHT-C-17405 Datasheet
215Kb / 1P
   SMT LED RoHS COMPLIANT
logo
Silicon Laboratories
SI4455 SILABS-SI4455 Datasheet
1Mb / 40P
   20-Pin 3x3 mm QFN package
logo
AIMTEC
AM2DS-Z AIMTEC-AM2DS-Z Datasheet
151Kb / 3P
   RoHS compliant SIP7 package
logo
Littelfuse
S-2025L LITTELFUSE-S-2025L Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
Advanced XTAL Products
AXX3225 AXTAL-AXX3225 Datasheet
56Kb / 2P
   Quartz Crystal Unit in SMD package 3.2x2.5 mm RoHS compliant
AXX2520 AXTAL-AXX2520 Datasheet
57Kb / 2P
   Quartz Crystal Unit in SMD package 2.5x2.0 mm RoHS compliant
AXX2016 AXTAL-AXX2016 Datasheet
56Kb / 2P
   Quartz Crystal Unit in SMD package 2.0x1.6 mm RoHS compliant
logo
SMSC Corporation
EVB-USB82640 SMSC-EVB-USB82640 Datasheet
853Kb / 8P
   48-pin QFN (RoHS compliant) package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com