Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT2G126 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HCT2G126
Description  Dual buffer/line driver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT2G126 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HCT2G126 Datasheet HTML 1Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 2Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 3Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 4Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 5Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 6Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 7Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 8Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2003 Mar 03
3
Philips Semiconductors
Product specification
Dual buffer/line driver; 3-state
74HC2G126; 74HCT2G126
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
ORDERING INFORMATION
PIN DESCRIPTION
INPUT
OUTPUT
nOE
nA
nY
HL
L
HHH
LX
Z
TYPE NUMBER
TEMPERATURE
RANGE
PACKAGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74HC2G126DP
−40 to +125 °C
8
TSSOP8
plastic
SOT505-2
H26
74HCT2G126DP
−40 to +125 °C
8
TSSOP8
plastic
SOT505-2
T26
74HC2G126DC
−40 to +125 °C
8
VSSOP8
plastic
SOT765-1
H26
74HCT2G126DC
−40 to +125 °C
8
VSSOP8
plastic
SOT765-1
T26
PIN
SYMBOL
DESCRIPTION
1
1OE
output enable input
2
1A
data input
3
2Y
data output
4
GND
ground (0 V)
5
2A
data input
6
1Y
data output
7
2OE
output enable input
8VCC
supply voltage


Similar Part No. - 74HCT2G126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT2G126 NXP-74HCT2G126 Datasheet
98Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 04-24 September 2009
74HCT2G126DC NXP-74HCT2G126DC Datasheet
98Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 04-24 September 2009
74HCT2G126DP NXP-74HCT2G126DP Datasheet
98Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 04-24 September 2009
74HCT2G126GD NXP-74HCT2G126GD Datasheet
98Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 04-24 September 2009
More results

Similar Description - 74HCT2G126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com