Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61SP6464 Datasheet(PDF) 15 Page - Integrated Silicon Solution, Inc

Part # 61SP6464
Description  64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

61SP6464 Datasheet(HTML) 15 Page - Integrated Silicon Solution, Inc

Back Button 61SP6464 Datasheet HTML 11Page - Integrated Silicon Solution, Inc 61SP6464 Datasheet HTML 12Page - Integrated Silicon Solution, Inc 61SP6464 Datasheet HTML 13Page - Integrated Silicon Solution, Inc 61SP6464 Datasheet HTML 14Page - Integrated Silicon Solution, Inc 61SP6464 Datasheet HTML 15Page - Integrated Silicon Solution, Inc 61SP6464 Datasheet HTML 16Page - Integrated Silicon Solution, Inc 61SP6464 Datasheet HTML 17Page - Integrated Silicon Solution, Inc 61SP6464 Datasheet HTML 18Page - Integrated Silicon Solution, Inc 61SP6464 Datasheet HTML 19Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
IS61SP6464
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
15
Rev. C
01/14/04
SNOOZE AND RECOVERY CYCLE SWITCHING CHARACTERISTICS (Over Operating Range)
-117 MHz
-100 MHz
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tKC
Cycle Time
9.2
10
ns
tKH
Clock High Time
3.4
4
ns
tKL
Clock Low Time
3.4
4
ns
tKQ
Clock Access Time
5
5
ns
tKQX(3)
Clock High to Output Invalid
1.5
2.5
ns
tKQLZ(3,4)
Clock High to Output Low-Z
0
0
ns
tKQHZ(3,4)
Clock High to Output High-Z
2
5
2
5
ns
tOEQ
Output Enable to Output Valid
5
5
ns
tOEQX(3)
Output Disable to Output Invalid
0
0
ns
tOELZ(3,4)
Output Enable to Output Low-Z
0
0
ns
tOEHZ(3,4)
Output Disable to Output High-Z
2
5
2
5
ns
tAS
Address Setup Time
2.5
2.5
ns
tSS
Address Status Setup Time
2.5
2.5
ns
tCES
Chip Enable Setup Time
2.5
2.5
ns
tAH
Address Hold Time
0.5
0.5
ns
tSH
Address Status Hold Time
0.5
0.5
ns
tCEH
Chip Enable Hold Time
0.5
0.5
ns
tZZS
ZZ Standby(1)
2—
2—
cyc
tZZREC
ZZ Recovery(2)
2—
2—
cyc
Notes:
1. The assertion of ZZ allows the SRAM to enter a lower power state than when deselected within the time specified. Data
retention is guaranteed when ZZ is asserted and clock remains active.
2.
ADSC and ADSP must not be asserted for at least 2 cyc after leaving ZZ state.
3. Guaranteed but not 100% tested. This parameter is periodically sampled.
4. Tested with load in Figure 2.


Similar Part No. - 61SP6464

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
61SPB045 SMC-61SPB045 Datasheet
150Kb / 4P
   Power Surface Mount Schottky Rectifier
logo
SMC Diode Solutions Co....
61SPB045A SMCDIODE-61SPB045A Datasheet
347Kb / 4P
   Power Surface Mount Schottky Rectifier
Rev. B
More results

Similar Description - 61SP6464

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
119Kb / 20P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C0430V CYPRESS-CY7C0430V Datasheet
935Kb / 36P
   3.3V 64K x 18 Synchronous QuadPort??Static RAM
CY7C187 CYPRESS-CY7C187 Datasheet
142Kb / 9P
   64K x 1 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com