Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51AAD-B28-A15 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 51AAD-B28-A15
Description  Sealed 1/2 (12.5 mm) Square Control
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

51AAD-B28-A15 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  51AAD-B28-A15 Datasheet HTML 1Page - Bourns Electronic Solutions 51AAD-B28-A15 Datasheet HTML 2Page - Bourns Electronic Solutions 51AAD-B28-A15 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
RoHS compliant*
Conductive plastic or cermet
Linear and audio tapers
PC board and bushing mount
Gangable
Metal bushing and shaft
Sealed for board washing
51/53 - Sealed 1/2 ” (12.5 mm) Square Control
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics1
Conductive Plastic
Cermet
Standard Resistance Range
Linear ...................................................................................................1 K ohms to 1 megohm......................... 150 ohms to 1 megohm
Audio ....................................................................................................1 K ohms to 1 megohm......................... 1 K ohms to 1 megohm
Total Resistance Tolerance
Linear Tapers........................................................................................±10 % or ±20 %.................................... ±10 % or ±5 %
Audio Tapers ........................................................................................±10 % or ±20 %.................................... ±10 %
Independent Linearity.................................................................................±5 %...................................................... ±5 %
Absolute Minimum Resistance...................................................................2 ohms maximum.................................. 2 ohms maximum
Effective Electrical Angle ............................................................................270 ° ±5 ° .............................................. 270 ° ±5 °
Contact Resistance Variation .....................................................................2 % ........................................................ 2 %
Dielectric Withstanding Voltage (MIL-STD-202 – Method 301)
Sea Level..............................................................................................1,500 VAC minimum.............................. 1,500 VAC minimum
70,000 ..................................................................................................500 VAC minimum................................. 500 VAC minimum
Insulation Resistance .................................................................................1,000 megohms minimum..................... 1,000 megohms minimum
Power Rating At 70 °C (Derate To 0 At 125 °C)
(Voltage Limited By Power Dissipation or 350 VAC, Whichever Is Less)
Linear Tapers........................................................................................0.5 watt.................................................. 1.0 watt
Audio Tapers ........................................................................................0.25 watt................................................ 0.5 watt
Theoretical Resolution................................................................................Essentially infinite .................................. Essentially infinite
Environmental Characteristics1
Operating Temperature Range ...................................................................+1 °C to +125 °C ................................... +1 °C to +125 °C
Storage Temperature Range ......................................................................-55 °C to +125 °C.................................. -55 °C to +125 °C
Temperature Coefficient Over Storage Temperature Range ......................±1,000 ppm/°C...................................... ±150 ppm/°C
Vibration (Single Section) ...........................................................................15 G....................................................... 15 G
Total Resistance Shift...........................................................................±2 % maximum ..................................... ±2 % maximum
Voltage Ratio Shift................................................................................±5 % maximum ..................................... ±5 % maximum
Shock (Single Section) ...............................................................................30 G....................................................... 30 G
Total Resistance Shift...........................................................................+2 % maximum ..................................... ±2 % maximum
Voltage Ratio Shift................................................................................±5 % maximum ..................................... ±5 % maximum
Load Life.....................................................................................................1,000 hours ........................................... 1,000 hours
Total Resistance Shift...........................................................................±10 % TRS maximum ........................... ±5 % TRS maximum
Rotational Life (No Load)............................................................................50,000 cycles ........................................ 25,000 cycles
Total Resistance Shift...........................................................................±10 % TRS maximum ........................... ±10 % TRS maximum
Contact Resistance Variation @ 25,000 Cycles ...................................±2 %...................................................... ±4 %
Moisture Resistance (MIL-STD-202, Method 103, Condition B)
Total Resistance Shift...........................................................................±10 % TRS............................................ ±5 % TRS
IP Rating
Entire Unit.............................................................................................IP64 ....................................................... IP64
Shaft/Bushing.......................................................................................IP65 ....................................................... IP65
Mechanical Characteristics
Stop Strength ............................................................................................................................................................................................... 56 N-cm (5 lb.-in.)
Mechanical Angle ...................................................................................................................................................................................................... 290 ° ±5 °
Torque
Starting (Dual Sections).............................................................................................................................................. +0.35 N-cm (+0.5 oz.-in.) maximum
Running (Single Section) ............................................................................................................................................. 0.15 to 1.4 N-cm (0.2 to 2.0 oz.-in.)
Running (Dual Section)................................................................................................................................................ 0.35 to 1.8 N-cm (0.5 to 2.5 oz.-in.)
Detent (Single Section)...................................................................................................................................................1.94 N-cm (2.75 oz.-in.) minimum
Mounting (Torque on Bushing) .......................................................................................................................... 1.7 to 2.0 N-m (15 to 18 lb.-in.) maximum
Weight (Single Section).............................................................................................................................................................................................. 5.5 grams
(Additional Section) ............................................................................................................................................................................................. 3.0 grams
Terminals ................................................................................................................................................................................................... PC pin or solder lug
Soldering Condition .................................................................. Recommended hand soldering using Sn95/Ag5 no clean solder, 0.025 ” wire diameter.
Maximum temperature 399 °C (750 °F) for 3 seconds. No wash process to be used with no clean flux.
Part can be wave soldered at 260 °C (500 °F) for 5 seconds, no wash process with no clean flux.
Marking.................................................................................................................. Manufacturer’s trademark, part number, resistance value and date code.
Ganging (Multiple Section Potentiometer) ............................................................................................................................................ 2 sections maximum**
Hardware ...........................................One lockwasher and one mounting nut is shipped with each potentiometer, except where noted in the part number.
1At room ambient: +25 °C nominal and 50 % relative humidity nominal, except as noted.
** Additional sections available on special request with higher minimum order quantities.


Similar Part No. - 51AAD-B28-A15

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
51AAD-B28-A15L BOURNS-51AAD-B28-A15L Datasheet
273Kb / 3P
   51/53 - Sealed 1/2 ??(12.5 mm) Square Control
More results

Similar Description - 51AAD-B28-A15

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
51AAD-B28-A15L BOURNS-51AAD-B28-A15L Datasheet
273Kb / 3P
   51/53 - Sealed 1/2 ??(12.5 mm) Square Control
53RAA-R25-A15L BOURNS-53RAA-R25-A15L Datasheet
382Kb / 3P
   51/53 - Sealed 1/2 ??(12.5 mm) Square Control
56AAD-C28-B15 BOURNS-56AAD-C28-B15 Datasheet
318Kb / 4P
   Sealed 1/2 (12.5 mm) Panel Control w/Rotary Switch
3360 BOURNS-3360 Datasheet
162Kb / 2P
   6 mm Square Sealed Panel Control
3310C-001-202L BOURNS-3310C-001-202L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310Y-001-103L BOURNS-3310Y-001-103L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310C-001-503L BOURNS-3310C-001-503L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310-9 BOURNS-3310-9 Datasheet
252Kb / 5P
   Square Sealed Panel Control
logo
Vishay Siliconix
T11 VISHAY-T11_V01 Datasheet
80Kb / 4P
   12.5 mm Square Modular Single-Turn Cermet Trimmer
01-Jan-2022
T11 VISHAY-T11_17 Datasheet
99Kb / 4P
   12.5 mm Square Modular Single-Turn Cermet Trimmer
Revision: 03-Apr-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com