Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT-BGA-7020 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SBT-BGA-7020
Description  Highly compliant to accommodate wide co-planarity variations
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SBT-BGA-7020 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SBT-BGA-7020 Datasheet HTML 1Page - Ironwood Electronics. SBT-BGA-7020 Datasheet HTML 2Page - Ironwood Electronics. SBT-BGA-7020 Datasheet HTML 3Page - Ironwood Electronics. SBT-BGA-7020 Datasheet HTML 4Page - Ironwood Electronics. SBT-BGA-7020 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
139x
0.26 pad
2x 3.0226±0.125
keep out area on target PCB
2x
0.85±0.025
4 1.70±0.10 drill thru
0
center of the
BGA array
2.80
2.80
4.1125
6.6125
6.8625
6.6125
6.8625
5.3625
4.8693
3.8625
3.9625
3.30
3.30
4.1125
4.1125
backing plate
1.0mm tall component
clearance area
Pin A1
Pin A15
Target PCB Recommendations
Total thickness: 1.0mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
*Note: BGA pattern is not symmetrical
with respect to the mounting holes.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance
±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change
without notice.
Description: Recommended Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 7/17/2014
Material: Material <not specified>
Finish:
Weight: 4.51
SBT-BGA-7020 Drawing
SCALE: 7:1
SHEET: 2 OF 5
ENG: E. Smolentseva
FILE: SBT-BGA-7020 Dwg
DRAWN BY: M. Raske


Similar Part No. - SBT-BGA-7020

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7021 IRONWOOD-SBT-BGA-7021 Datasheet
303Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7022 IRONWOOD-SBT-BGA-7022 Datasheet
316Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7024 IRONWOOD-SBT-BGA-7024 Datasheet
423Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7025 IRONWOOD-SBT-BGA-7025 Datasheet
308Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
More results

Similar Description - SBT-BGA-7020

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com