Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT-BGA-7018 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SBT-BGA-7018
Description  Excellent signal integrity at high frequencies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SBT-BGA-7018 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SBT-BGA-7018 Datasheet HTML 1Page - Ironwood Electronics. SBT-BGA-7018 Datasheet HTML 2Page - Ironwood Electronics. SBT-BGA-7018 Datasheet HTML 3Page - Ironwood Electronics. SBT-BGA-7018 Datasheet HTML 4Page - Ironwood Electronics. SBT-BGA-7018 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D
E
0.15 Z (x2)
Y
X
C
e
b
D1
E1
Pin 1
0.15 M Z X Y
0.05 M Z
A2
A
A1
DETAIL C
SCALE 16 : 1
0.08 Z
0.10 Z
Z
1. Dimensions are in millimeters.
2. Interpret dimensions and tolerances per ASME Y14.5M-1994.
3. Dimension b is measured at the maximum solder ball diameter, parallel to
datum plane Z.
4. Datum Z (seating plane) is defined by the spherical crowns of the solder
balls.
Array: 23x23
Ironwood Package code: BGA361H
DIM
Minimum
NOM
Maximum
A
-
1.2
A1
0.18
0.23
0.28
A2
0.84
0.89
0.94
b
0.25
0.30
0.35
D
11.90
12.00
12.10
D1
11.00
E
11.90
12.00
12.10
E1
11.00
e
0.5 BSC
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance
±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change
without notice.
Description: BGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 02/19/2014
Material: N/A
Finish: N/A
Weight: 13.37
SBT-BGA-7018 Drawing
SCALE: 5:1
SHEET: 3 OF 5
ENG: S. Huang
FILE: SBT-BGA-7018 Dwg
DRAWN BY: M. Raske


Similar Part No. - SBT-BGA-7018

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7010 IRONWOOD-SBT-BGA-7010 Datasheet
276Kb / 5P
   Low and stable contact resistance for reliable production yield.
SBT-BGA-7011 IRONWOOD-SBT-BGA-7011 Datasheet
326Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7012 IRONWOOD-SBT-BGA-7012 Datasheet
296Kb / 4P
   Low and stable contact resistance for reliable production yield.
SBT-BGA-7013 IRONWOOD-SBT-BGA-7013 Datasheet
331Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-BGA-7014 IRONWOOD-SBT-BGA-7014 Datasheet
331Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - SBT-BGA-7018

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6037 IRONWOOD-SBT-BGA-6037 Datasheet
375Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6519 IRONWOOD-SBT-BGA-6519 Datasheet
667Kb / 4P
   Excellent signal integrity at high frequencies
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-QFN-9018 IRONWOOD-SM-QFN-9018 Datasheet
242Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7007 IRONWOOD-CBT-QFN-7007 Datasheet
370Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com