Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3439 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK3439
Description  DC-DC Converter Relay Drive and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3439 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3439 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3439 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3439 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3439 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3439 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3439 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3439
2001-12-11
2
Electrical Characteristics (Note 4) (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Drain cut-off current
IDSS
VDS = 30 V, VGS = 0 V
100
µA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.3
2.5
V
VGS = 10 V, ID = 38 A
3.8
5.0
Drain-source ON resistance
RDS (ON)
VGS = 4 V, ID = 38 A
5.0
10
m
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 38 A
35
70
S
Input capacitance
Ciss
5450
Reverse transfer capacitance
Crss
620
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
1850
pF
Rise time
tr
15
Turn-on time
ton
30
Fall time
tf
65
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 µs
110
ns
Total gate charge
(gate-source plus gate-drain)
Qg
116
Gate-source charge
Qgs
84
Gate-drain (“miller”) charge
Qgd
VDD ≈ 34 V, VGS = 10 V, ID = 75 A
32
nC
Note 4: Please connect the S1 pin and S2 pin, and then ground the connected pin.
(However, while switching times are measured, please don’t connect and ground it.)
Source-Drain Ratings and Characteristics (Note 5) (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1, Note 5)
IDR1
75
A
Pulse drain reverse current
(Note 1, Note 5)
IDRP1
300
A
Continuous drain reverse current
(Note 1, Note 5)
IDR2
1
A
Pulse drain reverse current
(Note 1, Note 5)
IDRP2
4
A
Forward voltage (diode)
VDS2F
IDR1 = 75 A, VGS = 0 V
−1.5
V
Reverse recovery time
trr
120
ns
Reverse recovery charge
Qrr
IDR = 75 A, VGS = 0 V,
dIDR/dt = 50 A/µs
180
nC
Note 5: drain, flowing current value between the S2 pin, open the S1 pin
drain, flowing current value between the S1 pin, open the S2 pin
Unless otherwise specified, please connect the S1 and S2 pins, and then ground the connected pin.
VDD ≈ 15 V
0 V
VGS
10 V
ID = 38 A
VOUT


Similar Part No. - 2SK3439

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3439 TOSHIBA-2SK3439 Datasheet
184Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter Applications
2SK3439 TOSHIBA-2SK3439 Datasheet
185Kb / 6P
   DC-DC Converter Applications
2SK3439 TOSHIBA-2SK3439_06 Datasheet
184Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter Applications
2SK3439 TOSHIBA-2SK3439_09 Datasheet
185Kb / 6P
   DC-DC Converter Applications
More results

Similar Description - 2SK3439

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ380F TOSHIBA-2SJ380F Datasheet
228Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_10 Datasheet
383Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_10 Datasheet
215Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ380 TOSHIBA-2SJ380_09 Datasheet
235Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
2SK2963 TOSHIBA-2SK2963_08 Datasheet
245Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_05 Datasheet
410Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_10 Datasheet
411Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_07 Datasheet
729Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com