Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP105N091D-TR-FE Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RP105N091D-TR-FE
Description  Supply Current Typ. 28 uA
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP105N091D-TR-FE Datasheet(HTML) 2 Page - RICOH electronics devices division

  RP105N091D-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP105N091D-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP105N091D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP105N091D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP105N091D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP105N091D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP105N091D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP105N091D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP105N091D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
NO.EA-179-160420
2
*
RP105Q (SC-88A) is the discontinued product as of June, 2016.
BLOCK DIAGRAMS
RP105xxxxB/E
RP105xxxxD/F
VIN
VOUT
VBIAS
GND
CE
Vref
Current Limit
UVLO
VIN
VOUT
VBIAS
GND
CE
Vref
Current Limit
UVLO
SELECTION GUIDE
The output voltage, the UVLO circuit, the auto-discharge function(1), the package, and the taping type for the
device are user-selectable options.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RP105Kxx1∗-TR
DFN(PLP)1212-6
5,000 pcs
Yes
Yes
RP105Qxx2∗-TR-FE (2)
SC-88A
3,000 pcs
Yes
Yes
RP105Nxx1∗-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
RP105Lxx1∗-TR
DFN1212-5
5,000 pcs
Yes
Yes
xx : The set output voltage (VSET) can be designated within the range of
0.6 V (06) to 1.5 V (15) in 0.1 V step.
If the set output voltage (VSET) is designated in 0.01 V step, indicate the product name as follows.
1.05 V: RP105x10x∗5-TR
: CE pin polarity and auto-discharge function of the product can be defined as follows.
(B) "H" active, auto-discharge function is not included, UVLO is included
(D) "H" active, auto-discharge function is included, UVLO is included
(E) "H" active, auto-discharge function is not included, UVLO is not included
(F) "H" active, auto-discharge function is included, UVLO is not included
(1) Auto-discharge function quickly lowers the output voltage to 0 V, when the chip enable signal is switched from the
active mode to the standby mode, by releasing the electrical charge accumulated in the external capacitor.
(2) RP105Qxx2∗-TR-FE supports only RP105Qxx2B/D.


Similar Part No. - RP105N091D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RP1053-2 RFM-RP1053-2 Datasheet
93Kb / 2P
   310.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1053-2 MURATA-RP1053-2 Datasheet
153Kb / 2P
   310.0 MHz SAW Resonator
More results

Similar Description - RP105N091D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
   Supply Current Typ. 40 uA x 2
RP153 RICOH-RP153 Datasheet
946Kb / 23P
   Supply Current RP153LxxxA/ B: Typ. 40 uA x 2
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com