Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP105Q142F-TR-FE Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RP105Q142F-TR-FE
Description  Supply Current Typ. 28 uA
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP105Q142F-TR-FE Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RP105Q142F-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP105Q142F-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP105Q142F-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP105Q142F-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP105Q142F-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP105Q142F-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP105Q142F-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP105Q142F-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP105Q142F-TR-FE Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
NO.EA-179-160420
8
*
RP105Q (SC-88A) is the discontinued product as of June, 2016.
DFN(PLP)1212-6, SC-88A, SOT-23-5
The specifications surrounded by
are guaranteed by design engineering at
−40°C ≤ Ta ≤ 85°C
PRODUCT-SPECIFIC ELECTRICAL CHARACTERISTICS
Set VOUT
(V)
VBIAS
(V)
VGS
(V)
VDIF (IOUT = 300 mA) (V)
VDIF (IOUT = 400 mA) (V)
Typ.
Max.
Typ.
Max.
0.6
3.6
3.0
0.115
0.180
0.180
0.320
0.7
3.6
2.9
0.120
0.190
0.180
0.320
0.8
3.6
2.8
0.120
0.190
0.180
0.300
0.9
3.6
2.7
0.120
0.190
0.180
0.300
1.0
3.6
2.6
0.120
0.190
0.180
0.280
1.1
3.6
2.5
0.120
0.190
0.180
0.280
1.2
3.6
2.4
0.130
0.200
0.180
0.280
1.3
3.6
2.3
0.130
0.200
0.180
0.260
1.4
3.6
2.2
0.130
0.200
0.180
0.260
1.5
3.6
2.1
0.130
0.200
0.180
0.260
PRODUCT-SPECIFIC ELECTRICAL CHARACTERISTICS (VGS (V), VDIF (V), IOUT = 200 mA)
(Ta = 25°C)
Set VOUT
(V)
VBIAS = 2.5 V
VBIAS = 3.0 V
VBIAS = 3.3 V VBIAS = 3.6 V VBIAS = 4.2 V
VBIAS = 5.0 V
VGS
(V)
VDIF
(V)
VGS
(V)
VDIF
(V)
VGS
(V)
VDIF
(V)
VGS
(V)
VDIF
(V)
VGS
(V)
VDIF
(V)
VGS
(V)
VDIF
(V)
0.6
1.9
-
2.4
-
2.7
-
3.0
-
3.6
-
4.4
-
0.7
1.8
-
2.3
-
2.6
-
2.9
-
3.5
-
4.3
-
0.8
1.7
0.098
2.2
0.093
2.5
0.093
2.8
0.092
3.4
0.092
4.2
0.092
0.9
1.6
0.098
2.1
0.094
2.4
0.093
2.7
0.092
3.3
0.092
4.1
0.092
1.0
2.0
0.094
2.3
0.093
2.6
0.092
3.2
0.092
4.0
0.092
1.1
1.9
0.096
2.2
0.094
2.5
0.094
3.1
0.093
3.9
0.093
1.2
1.8
0.098
2.1
0.096
2.4
0.095
3.0
0.095
3.8
0.094
1.3
1.7
0.098
2.0
0.096
2.3
0.095
2.9
0.095
3.7
0.095
1.4
1.6
0.098
1.9
0.096
2.2
0.095
2.8
0.095
3.6
0.095
1.5
1.8
0.096
2.1
0.095
2.7
0.095
3.5
0.095
All of units are tested and specified under load conditions such that Tj ≈ Ta = 25°C except for Output Noise, Ripple
Rejection and Output Voltage Temperature Coefficient items.
VBIAS pin voltage must be equal or more than Set VOUT + 1.6 V.


Similar Part No. - RP105Q142F-TR-FE

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RP1053-2 RFM-RP1053-2 Datasheet
93Kb / 2P
   310.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1053-2 MURATA-RP1053-2 Datasheet
153Kb / 2P
   310.0 MHz SAW Resonator
More results

Similar Description - RP105Q142F-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
   Supply Current Typ. 40 uA x 2
RP153 RICOH-RP153 Datasheet
946Kb / 23P
   Supply Current RP153LxxxA/ B: Typ. 40 uA x 2
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com