Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP107Q422D-TR-FE Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RP107Q422D-TR-FE
Description  Supply Current Typ. 9.5uA
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP107Q422D-TR-FE Datasheet(HTML) 2 Page - RICOH electronics devices division

  RP107Q422D-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP107Q422D-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP107Q422D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP107Q422D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP107Q422D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP107Q422D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP107Q422D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP107Q422D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP107Q422D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
RP107x
NO.EA-181-131018
2
BLOCK DIAGRAMS
RP107xxxxB
RP107xxxxD
VDD
GND
VOUT
CE
Vref
Current Limit
VDD
GND
VOUT
CE
Vref
Current Limit
SELECTION GUIDE
The output voltage, auto discharge function, package, and the taping type, etc. for the ICs can be selected at
the user’s request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RP107Zxx1
∗(y)-TR-F
WLCSP-4-P5
5,000 pcs
Yes
Yes
RP107Kxx1
∗(y)-TR
DFN(PLP)1212-6
5,000 pcs
Yes
Yes
RP107Qxx2
∗(y)-TR-FE
SC-88A
3,000 pcs
Yes
Yes
RP107Nxx1
∗(y)-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
xx: The output voltage (VOUT) can be designated in the range from 1.0V to 4.2V in 0.1V steps.
(y): If the output voltage includes the 3
rd digit, indicate the digit of 0.01V.
1.25V: RP107x12x
∗5
1.85V: RP107x18x
∗5
2.85V: RP107x28x
∗5
∗: Select (B) without auto-discharge function or (D) with auto-discharge function.
*1
Auto-discharge function quickly lowers the output voltage to 0V by releasing the electrical charge accumulated in the
external capacitor when the chip enable signal is switched from the active mode to the standby mode.
*RP107N (SOT-23-5) is the non-promotion product. As of June in 2016.


Similar Part No. - RP107Q422D-TR-FE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-11005DRAW RECOM-RP10-11005DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11005SRAW RECOM-RP10-11005SRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11012DRAW RECOM-RP10-11012DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11012SRAW RECOM-RP10-11012SRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11015DRAW RECOM-RP10-11015DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results

Similar Description - RP107Q422D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com