Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP105Q092E-TR-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP105Q092E-TR-FE
Description  Supply Current Typ. 28 uA
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP105Q092E-TR-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP105Q092E-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP105Q092E-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP105Q092E-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP105Q092E-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP105Q092E-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP105Q092E-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP105Q092E-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP105Q092E-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP105Q092E-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
NO.EA-179-160420
5
*
RP105Q (SC-88A) is the discontinued product as of June, 2016.
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VBIAS
Input Voltage
6.0
V
VIN
Input Voltage (for Driver)
−0.3 to VBIAS + 0.3
V
VCE
Input Voltage (CE Pin)
6.0
V
VOUT
Output Voltage
−0.3 to VIN + 0.3
V
IOUT
Output Current
500
mA
PD
Power Dissipation
(Standard Test Land Pattern)(1)
DFN(PLP)1212-6
400
mW
SC-88A
380
SOT-23-5
420
DFN1212-5
650
Ta
Operating Temperature
−40 to 85
°
C
Tstg
Storage Temperature
−55 to 125
°
C
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the permanent
damages and may degrade the life time and safety for both device and system using the device in the field. The
functional operation at or over these absolute maximum ratings is not assured.
(1) Refer to POWER DISSIPATION for detailed information.


Similar Part No. - RP105Q092E-TR-FE

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RP1053-2 RFM-RP1053-2 Datasheet
93Kb / 2P
   310.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1053-2 MURATA-RP1053-2 Datasheet
153Kb / 2P
   310.0 MHz SAW Resonator
More results

Similar Description - RP105Q092E-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
   Supply Current Typ. 40 uA x 2
RP153 RICOH-RP153 Datasheet
946Kb / 23P
   Supply Current RP153LxxxA/ B: Typ. 40 uA x 2
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com