Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NST3946DXV6T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NST3946DXV6T1G
Description  Complementary General Purpose Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NST3946DXV6T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NST3946DXV6T1G Datasheet HTML 1Page - ON Semiconductor NST3946DXV6T1G Datasheet HTML 2Page - ON Semiconductor NST3946DXV6T1G Datasheet HTML 3Page - ON Semiconductor NST3946DXV6T1G Datasheet HTML 4Page - ON Semiconductor NST3946DXV6T1G Datasheet HTML 5Page - ON Semiconductor NST3946DXV6T1G Datasheet HTML 6Page - ON Semiconductor NST3946DXV6T1G Datasheet HTML 7Page - ON Semiconductor NST3946DXV6T1G Datasheet HTML 8Page - ON Semiconductor NST3946DXV6T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NST3946DXV6
http://onsemi.com
2
Table 2. THERMAL CHARACTERISTICS
Characteristic (One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
357
(Note 1)
2.9
(Note 1)
mW
mW/
°C
Thermal Resistance
Junction-to-Ambient
RqJA
350
(Note 1)
°C/W
Characteristic (Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
500
(Note 1)
4.0
(Note 1)
mW
mW/
°C
Thermal Resistance Junction-to-Ambient
RqJA
250
(Note 1)
°C/W
Junction and Storage Temperature Range
TJ, Tstg
55 to +150
°C
1. FR−4 @ Minimum Pad
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage (Note 2)
(IC = 1.0 mAdc, IB = 0)
(NPN)
(IC = −1.0 mAdc, IB = 0)
(PNP)
V(BR)CEO
40
−40
Vdc
Collector − Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
(NPN)
(IC = −10 mAdc, IE = 0)
(PNP)
V(BR)CBO
60
−40
Vdc
Emitter − Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
(NPN)
(IE = −10 mAdc, IC = 0)
(PNP)
V(BR)EBO
6.0
−5.0
Vdc
Base Cutoff Current
(VCE = 30 Vdc, VEB = 3.0 Vdc)
(NPN)
(VCE = −30 Vdc, VEB = −3.0 Vdc)
(PNP)
IBL
50
−50
nAdc
Collector Cutoff Current
(VCE = 30 Vdc, VEB = 3.0 Vdc)
(NPN)
(VCE = −30 Vdc, VEB = −3.0 Vdc)
(PNP)
ICEX
50
−50
nAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
(NPN)
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 50 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 1.0 Vdc)
(IC = −0.1 mAdc, VCE = −1.0 Vdc)
(PNP)
(IC = −1.0 mAdc, VCE = −1.0 Vdc)
(IC = −10 mAdc, VCE = −1.0 Vdc)
(IC = −50 mAdc, VCE = −1.0 Vdc)
(IC = −100 mAdc, VCE = −1.0 Vdc)
hFE
40
70
100
60
30
60
80
100
60
30
300
300
Collector − Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(NPN)
(IC = 50 mAdc, IB = 5.0 mAdc)
(IC = −10 mAdc, IB = −1.0 mAdc)
(PNP)
(IC = −50 mAdc, IB = −5.0 mAdc)
VCE(sat)
0.2
0.3
−0.25
−0.4
Vdc
Base − Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(NPN)
(IC = 50 mAdc, IB = 5.0 mAdc)
(IC = −10 mAdc, IB = −1.0 mAdc)
(PNP)
(IC = −50 mAdc, IB = −5.0 mAdc)
VBE(sat)
0.65
−0.65
0.85
0.95
−0.85
−0.95
Vdc


Similar Part No. - NST3946DXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3946DXV6T1G ONSEMI-NST3946DXV6T1G Datasheet
172Kb / 12P
   Complementary General Purpose Transistor
July, 2012 ??Rev. 2
More results

Similar Description - NST3946DXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3946DXV6T1G ONSEMI-NST3946DXV6T1G Datasheet
172Kb / 12P
   Complementary General Purpose Transistor
July, 2012 ??Rev. 2
logo
Motorola, Inc
MD986 MOTOROLA-MD986 Datasheet
161Kb / 5P
   COMPLEMENTARY DUAL GENERAL PURPOSE TRANSISTOR
logo
ON Semiconductor
NST847BPDP6T5G ONSEMI-NST847BPDP6T5G Datasheet
107Kb / 7P
   Dual Complementary General Purpose Transistor
May, 2008 ??Rev. 0
NST3946DP6T5G ONSEMI-NST3946DP6T5G_14 Datasheet
70Kb / 7P
   Dual Complementary General Purpose Transistor
June, 2014 ??Rev. 2
NST3946DP6T5G ONSEMI-NST3946DP6T5G Datasheet
109Kb / 7P
   Dual Complementary General Purpose Transistor
July, 2008 ??Rev. 1
UMZ1NT1 ONSEMI-UMZ1NT1 Datasheet
68Kb / 5P
   Complementary Dual General Purpose Amplifier Transistor
May, 2006 ??Rev. 5
UMZ1NT1G ONSEMI-UMZ1NT1G Datasheet
105Kb / 5P
   Complementary Dual General Purpose Amplifier Transistor
October, 2009 ??Rev. 8
HN1B01FDW1T1G ONSEMI-HN1B01FDW1T1G Datasheet
69Kb / 6P
   Complementary Dual General Purpose Amplifier Transistor
June, 2016 ??Rev. 4
UMZ1NT1G ONSEMI-UMZ1NT1G_16 Datasheet
72Kb / 5P
   Complementary Dual General Purpose Amplifier Transistor
September, 2016 ??Rev. 9
logo
Pan Jit International I...
MMDT3946 PANJIT-MMDT3946 Datasheet
216Kb / 6P
   COMPLEMENTARY NPN / PNP GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com