Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP111H351B-T1-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP111H351B-T1-FE
Description  Supply Current Typ. 80uA
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP111H351B-T1-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP111H351B-T1-FE Datasheet HTML 1Page - RICOH electronics devices division RP111H351B-T1-FE Datasheet HTML 2Page - RICOH electronics devices division RP111H351B-T1-FE Datasheet HTML 3Page - RICOH electronics devices division RP111H351B-T1-FE Datasheet HTML 4Page - RICOH electronics devices division RP111H351B-T1-FE Datasheet HTML 5Page - RICOH electronics devices division RP111H351B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division RP111H351B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division RP111H351B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division RP111H351B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
RP111x Series
Good Transient Response Low Voltage 500mA LDO
NO.EA-241-150204
1
OUTLINE
The RP111x Series are CMOS-based LDO regulators featuring 500mA output current. The input voltage is as
low as 1.4V and the output voltage can be set from 0.7V. Due to a built-in 0.46Ω (at VOUT=2.8V) on-resistor, RP111x
can provide a low dropout voltage. RP111x also features an excellent line transient response, ripple rejection at
75dB, and low noise. The output voltage accuracy is as high as ±0.8% and the temperature drift coefficient of
output voltage is low at ±30ppm/
C. The accuracy of the output voltage of RP111x includes the temperature
characteristics and the load transient response has been improved. The typ. and max value of under/overshoot
for various output current are shown in the typical characteristics in the datasheet, therefore the accuracy of the
output voltage estimation will be easy on the actual operating cases.
In addition to a fold-back protection circuit built into conventional regulators, RP111x contains a thermal
shutdown circuit and an inrush current limit circuit. SOT-23-5 and SOT-89-5 packages, a 1.2mm square
DFN1212-6 package are available.
FEATURES
 Supply Current ......................................................Typ. 80A
 Standby Current....................................................Typ. 0.1A
 Dropout Voltage ....................................................Typ. 0.23V (IOUT500mA, VOUT2.5V)
 Ripple Rejection....................................................Typ. 75dB (f1kHz)
Typ. 70dB (f
10kHz)
 Output Voltage Accuracy.......................................0.8% (VOUT ≥1.8V)
 Output Voltage Temperature Coefficient...............Typ. 30ppm/C (VOUT ≥1.8V)
 Line Regulation .....................................................Typ. 0.02%/V
 Packages ..............................................................DFN1212-6, SOT-23-5, SOT-89-5,
 Input Voltage Range .............................................1.4V to 5.25V
 Output Voltage Range...........................................0.7V to 3.6V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
 Built-in Foldback Protection Circuit.......................Typ. 50mA (Current at short mode)
 Thermal Shutdown Temperature...........................165C
 Inrush Current Limit ..............................................Typ.400mA (for 180s after start-up)
 Ceramic capacitors are recommended to be used with this IC .....1.0F or more
APPLICATIONS
 Power source for portable communication equipment.
 Power source for electrical appliances such as cameras, VCRs and camcorders.
 Power source for battery-powered equipments.
 Power source for electrical home appliances.


Similar Part No. - RP111H351B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP111H351B RICOH-RP111H351B Datasheet
824Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
RP111H351B RICOH-RP111H351B Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
More results

Similar Description - RP111H351B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com