Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP106N101B-TR-FE Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RP106N101B-TR-FE
Description  Supply Current Typ. 48uA
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP106N101B-TR-FE Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RP106N101B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP106N101B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP106N101B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP106N101B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP106N101B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP106N101B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP106N101B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP106N101B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP106N101B-TR-FE Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
RP106x
NO.EA-180-131017
9
500
400
300
200
100
0
278
0
25
50
75 85 100
125
150
Ambient Temperature (°C)
Power Dissipation
On Board
PACKAGE INFORMATION
Power Dissipation (WLCSP-4-P5)
Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the
measurement at the condition below:
* Measurement Conditions
Standard Land Pattern
Environment
Mounting on Board (Wind velocity=0m/s)
Board Material
Glass cloth epoxy plastic (Double sided)
Board Dimensions
40mm × 40mm × 1.6mm
Copper Ratio
Top side : Approx. 50% , Back side : Approx. 50%
Through-hole
φ
0.5mm × 28pcs
* Measurement Result
(Ta=25°C, Tjmax=125°C)
Standard Land Pattern
Power Dissipation
278mW
Thermal Resistance
θ
ja = (125−25°C)/0.278W = 360°C/W
θ
jc = 46°C/W
Measurement Board Pattern
IC Mount Aria (Unit : mm)
40
*RP106N (SOT-23-5) is the non-promotion product. As of March in 2015.


Similar Part No. - RP106N101B-TR-FE

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP106 DEC-RP106 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
More results

Similar Description - RP106N101B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com