Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP110K301B-TR Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RP110K301B-TR
Description  Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP110K301B-TR Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RP110K301B-TR Datasheet HTML 5Page - RICOH electronics devices division RP110K301B-TR Datasheet HTML 6Page - RICOH electronics devices division RP110K301B-TR Datasheet HTML 7Page - RICOH electronics devices division RP110K301B-TR Datasheet HTML 8Page - RICOH electronics devices division RP110K301B-TR Datasheet HTML 9Page - RICOH electronics devices division RP110K301B-TR Datasheet HTML 10Page - RICOH electronics devices division RP110K301B-TR Datasheet HTML 11Page - RICOH electronics devices division RP110K301B-TR Datasheet HTML 12Page - RICOH electronics devices division RP110K301B-TR Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
RP110x
NO.EA-239-140522
9
CONSTANT SLOPE CIRCUITS
The RP110x Series is equipped with a constant slope circuit as a soft-start circuit, which allows the output
voltage to start up gradually when the CE is turned on.
The constant slope circuit minimizes the inrush current at the start-up and also prevents the overshoot of the
output voltage.
The capacitor to create the start-up slope is built in the IC that does not require any external components. The
start-up time and the start-up slope angle are fixed inside the IC.
If the capacitance of the external output capacitor (COUT) becomes more than the certain capacitance, the
output current limit circuit minimizes the incoming current of the output capacitor at the start-up. As a result, the
start-up time becomes longer and the start-up slope angle becomes more gentle. As “Inrush Current
Characteristics Example” below shows, if the COUT is less than 4.7µF, the constant slope circuit easily starts to
function at the start-up, likewise, if the COUT is over 10µF, the output current limit circuit easily starts to function at
the start-up. The boundary point of using these two circuits is inversely proportional to the output voltage. If the
output voltage is higher, the output current limit circuit easily starts to function even if the COUT capacitance is
small. For more details, please refer to the graph 14 of “Inrush Current Characteristics Example”.
Inrush Current Characteristics Example (C1=none, IOUT=0mA, Topt=25ºC)
RP110x25xB/D
50
150
250
350
0
100
200
300
400
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
50
150
100
250
200
350
300
0
Output Voltage
CE Input Voltage
Inrush Current
VIN=3.5V
COUT=0.1
μF
COUT=1.0
μF
COUT=2.2
μF
COUT=4.7
μF
COUT=10
μF
Time t (
μs)


Similar Part No. - RP110K301B-TR

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1104 MURATA-RP1104 Datasheet
132Kb / 2P
   824.25 MHz SAW Resonator
RP1104 MURATA-RP1104_15 Datasheet
253Kb / 2P
   640.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RP1105 RFM-RP1105 Datasheet
93Kb / 2P
   640.0 MHz SAW Resonator
More results

Similar Description - RP110K301B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RD5RW RICOH-RD5RW Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
RP200 RICOH-RP200 Datasheet
547Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
RN5RT RICOH-RN5RT_17 Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com