Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLS8100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DLS8100
Description  VDSL Wireline Simulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DLS8100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DLS8100 Datasheet HTML 1Page - List of Unclassifed Manufacturers DLS8100 Datasheet HTML 2Page - List of Unclassifed Manufacturers DLS8100 Datasheet HTML 3Page - List of Unclassifed Manufacturers DLS8100 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Accuracy
Attenuation:
100 kHz to 200 kHz
± (1 dB +6% of attenuation in dB) for attenuation up to 60 dB.
200 kHz to 15 MHz:
± (1 dB +4% of attenuation in dB) for attenuation up to 60 dB.
15 MHz to 20 MHz:
± (1 dB + 6% of dB attenuation) for attenuation up to 60 dB.
20 MHz to 30 MHz
± 3 dB for attenuation up to 60 dB.
DC – 4 kHz:
Max attenuation: 30 dB @ 4 kHz.
Delay/Characteristic
Impedance:
± 10%.
Mechanical
Connectors:
Front (simulated line):
CF Connectors (Banana Plug).
Back (noise):
BNC Connectors (2 differential mode, 2 common mode).
Dimensions:
20.2" x 17.8" x 8.2"
(L x W x H).
Net Weight:
60 lbs.
Environmental
Operating Temperature:
10°C to 40°C.
(50°F to 96°F).
Relative Humidity:
10 to 95% RH non-condensing.
Electrical
Power:
90 to 260 V AC, 50 or 60 Hz.
Fuses:
Type “T” 2 A/250 V SLOW BLOW (2 required, 5mm x 20mm).
Noise Injection
Externally generated noise can be injected onto the simulated line at both the ONU side and the NT side independently.
Differential Mode:
Max input level: 0 dBm.
50 Ohm BNC input.
20 dB fixed attenuation.
Common Mode:
Max input level: +10 dBm.
50 Ohm BNC input.
0 dB fixed attenuation.
NB:
Differential mode and common mode are not mutually exclusive.
Simulated line impedance over the whole frequency range is unaffected by either differential or common mode noise injection.
Standards
The DLS 8100 simulates the Bypass, VDSL1, and VDSL 1 with Bridged Tap loops in accordance with ANSI Draft Technical Report on
System Requirements for VDSL (VDSL SR:98-043R6).


Similar Part No. - DLS8100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DLS8110 ETC-DLS8110 Datasheet
750Kb / 2P
   Spirent DLS 8110 VDSL Bridged Tap Simulator
More results

Similar Description - DLS8100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DLS8110 ETC-DLS8110 Datasheet
750Kb / 2P
   Spirent DLS 8110 VDSL Bridged Tap Simulator
logo
Festo Corporation.
8029523 FESTO-8029523 Datasheet
77Kb / 1P
   Simulator
560503 FESTO-560503 Datasheet
79Kb / 1P
   Simulator
logo
Pepperl+Fuchs Inc.
IS01 PF-IS01 Datasheet
695Kb / 3P
   Simulator
logo
Keysight Technologies
W2317EP KEYSIGHT-W2317EP Datasheet
167Kb / 4P
   Bus Simulator
logo
Festo Corporation.
8029524 FESTO-8029524 Datasheet
78Kb / 1P
   Simulator
logo
Renesas Technology Corp
R20UT2914EJ0100 RENESAS-R20UT2914EJ0100 Datasheet
102Kb / 11P
   CubeSuite Simulator
logo
Motorola, Inc
M68ICS08MR MOTOROLA-M68ICS08MR Datasheet
1,003Kb / 100P
   In-Circuit Simulator
logo
Pepperl+Fuchs Inc.
VAZ-PB-SIM PF-VAZ-PB-SIM Datasheet
169Kb / 2P
   PROFIBUS master simulator
logo
Keysight Technologies
W2309EP KEYSIGHT-W2309EP Datasheet
167Kb / 4P
   Bus Simulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com