Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP108J151F-T1-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RP108J151F-T1-FE
Description  Output Current Min. 3A
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP108J151F-T1-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RP108J151F-T1-FE Datasheet HTML 3Page - RICOH electronics devices division RP108J151F-T1-FE Datasheet HTML 4Page - RICOH electronics devices division RP108J151F-T1-FE Datasheet HTML 5Page - RICOH electronics devices division RP108J151F-T1-FE Datasheet HTML 6Page - RICOH electronics devices division RP108J151F-T1-FE Datasheet HTML 7Page - RICOH electronics devices division RP108J151F-T1-FE Datasheet HTML 8Page - RICOH electronics devices division RP108J151F-T1-FE Datasheet HTML 9Page - RICOH electronics devices division RP108J151F-T1-FE Datasheet HTML 10Page - RICOH electronics devices division RP108J151F-T1-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
RP108J
NO.EA-203-150817
7
TYPICAL APPLICATIONS
VOUT
C1
RP108Jxx1x
VDD
VOUT
GND
C2
CE
VFB
Typical Application
VOUT
C1
RP108J081x
VDD
VOUT
GND
C2
CE
VFB
R2
R1
Typical application for adjustable output voltage type
External Components:
Symbol
Descriptions
C1, C2
10
µF (Ceramic), CM21X7R106M06AB, KYOCERA


Similar Part No. - RP108J151F-T1-FE

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP108 DEC-RP108 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
More results

Similar Description - RP108J151F-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP131 RICOH-RP131 Datasheet
779Kb / 36P
   Output Current Min. 1A
RP132 RICOH-RP132 Datasheet
1Mb / 47P
   Output Current Min. 1A
logo
Advanced Monolithic Sys...
AMS1070 AMS-AMS1070 Datasheet
838Kb / 7P
   3A Continuous Output Current
logo
IK Semicon Co., Ltd
IK5302 IKSEMICON-IK5302 Datasheet
855Kb / 14P
   3A continuous output current
logo
Exar Corporation
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
   3A Guaranteed Output Current
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Intersil Corporation
ISL85033DUALEVAL1Z INTERSIL-ISL85033DUALEVAL1Z Datasheet
1Mb / 9P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
logo
Lineage Power Corporati...
AXH003A0X LINEAGEPOWER-AXH003A0X Datasheet
518Kb / 18P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
AXH003A0X-SR LINEAGEPOWER-AXH003A0X-SR Datasheet
708Kb / 20P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com