Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP110L251D-TR Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RP110L251D-TR
Description  Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP110L251D-TR Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RP110L251D-TR Datasheet HTML 2Page - RICOH electronics devices division RP110L251D-TR Datasheet HTML 3Page - RICOH electronics devices division RP110L251D-TR Datasheet HTML 4Page - RICOH electronics devices division RP110L251D-TR Datasheet HTML 5Page - RICOH electronics devices division RP110L251D-TR Datasheet HTML 6Page - RICOH electronics devices division RP110L251D-TR Datasheet HTML 7Page - RICOH electronics devices division RP110L251D-TR Datasheet HTML 8Page - RICOH electronics devices division RP110L251D-TR Datasheet HTML 9Page - RICOH electronics devices division RP110L251D-TR Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
RP110x
NO.EA-239-140522
6
ELECTRICAL CHARACTERISTICS
Unless otherwise noted,
VIN = Set VOUT + 1.0V (VOUT > 1.5), VIN = 2.5V (VOUT ≤ 1.5V), IOUT = 1mA, CIN = COUT = 0.1μF.
The specifications surrounded by
are guaranteed by Design Engineering at - 40
°C ≤ Ta ≤85°C.
RP110xxxxx
Ta
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
V
OUT >
2.0V
× 0.99
× 1.01
V
Ta = 25
°C
V
OUT
≤ 2.0V
-20
20
mV
V
OUT >
2.0V
× 0.97
× 1.025
V
V
OUT
Output Voltage
-40
°C ≤ Ta ≤ 85°C
V
OUT
≤ 2.0V
-
60
50
mV
I
OUT
Output Current
150
mA
ΔV
OUT
/
ΔI
OUT
Load Regulation
1mA
≤ I
OUT
≤ 150mA
-20
0
20
mV
V
DIF
Dropout Voltage
Please refer to “Dropout Voltage”.
I
SS
Supply Current
I
OUT
= 0mA
1
2.0
μA
Istandby
Standby Current
V
CE =
0V
0.1
1.0
μA
ΔV
OUT
/
ΔV
IN
Line Regulation
Set V
OUT
0.5V
≤ V
IN
≤ 5.0V
0.02
0.10
%/V
V
IN
Input Voltage
*
1.4
5.25
V
ΔV
OUT
/
ΔTa
Output Voltage
Temperature Coefficient
-40
°C ≤ Ta ≤ 85°C
±100
ppm
/
°C
ISC
Short Current Limit
V
OUT
= 0V
50
mA
I
CE
CE Pull-down Current
(Only applied to D/ B
versions)
0.3
μA
V
CEH
CE input Voltage “H”
(Only for D/B versions)
1.0
V
V
CEL
CE Input Voltage ”L”
(Only applied to D/B
versions)
0.4
V
R
LOW
LOW Output Nch ON
Resistance (Only applied
to D version)
V
IN
= 4.0V, V
CE =
0V
60
All test categories were tested on the products under the pulse load condition (Tj
≈ Ta = 25ºC) except “Output
Voltage Temperature Coefficient”.
*) The maximum input voltage (electrical characteristics) is 5.25V. In case of exceeding this value, the maximum
input voltage cannot be over 5.5V and the total operating time has to be within 500hrs.


Similar Part No. - RP110L251D-TR

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1104 MURATA-RP1104 Datasheet
132Kb / 2P
   824.25 MHz SAW Resonator
RP1104 MURATA-RP1104_15 Datasheet
253Kb / 2P
   640.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RP1105 RFM-RP1105 Datasheet
93Kb / 2P
   640.0 MHz SAW Resonator
More results

Similar Description - RP110L251D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RD5RW RICOH-RD5RW Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
RP200 RICOH-RP200 Datasheet
547Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
RN5RT RICOH-RN5RT_17 Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com