Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP107K251B-TR Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RP107K251B-TR
Description  Supply Current Typ. 9.5uA
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP107K251B-TR Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RP107K251B-TR Datasheet HTML 4Page - RICOH electronics devices division RP107K251B-TR Datasheet HTML 5Page - RICOH electronics devices division RP107K251B-TR Datasheet HTML 6Page - RICOH electronics devices division RP107K251B-TR Datasheet HTML 7Page - RICOH electronics devices division RP107K251B-TR Datasheet HTML 8Page - RICOH electronics devices division RP107K251B-TR Datasheet HTML 9Page - RICOH electronics devices division RP107K251B-TR Datasheet HTML 10Page - RICOH electronics devices division RP107K251B-TR Datasheet HTML 11Page - RICOH electronics devices division RP107K251B-TR Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
RP107x
NO.EA-181-131018
8
CONSTANT SLOPE CIRCUITS
The RP107x Series is equipped with a constant slope circuit as a soft-start circuit, which allows the output
voltage to start up gradually when the CE is turned on.The constant slope circuit minimizes the inrush current at
the start-up and also prevents the overshoot of the output voltage.The capacitor to create the start-up slope is
built in the IC that does not require any external components. The start-up time and the start-up slope angle are
fixed inside the IC.
If the capacitance of the external output capacitor (COUT) becomes more than the certain capacitance, the
output current limit circuit minimizes the incoming current of the output capacitor at the start-up. As a result, the
start-up time becomes longer and the start-up slope angle becomes more gentle. As “Inrush Current
Characteristics Example” below shows, if the COUT is less than 2.2µF, the constant slope circuit easily starts to
function at the start-up, likewise, if the COUT is over 4.7µF, the output current limit circuit easily starts to function at
the start-up. The boundary point of using these two circuits is inversely proportional to the output voltage. If the
output voltage is higher, the output current limit circuit easily starts to function even if the COUT capacitance is
small. For more details, please refer to the graph 15 of “Inrush Current Characteristics Example”.
Inrush Current Characteristics Example (C1
=0.1μF, Topt=25°C)
RP107x101xB/D
RP107x281xB/D
40
80
120
160
20
0
60
100
140
180
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
Output Voltage
CE Input Voltage
Inrush Current
VIN=2.0V
Time t (
µs)
50
150
100
250
200
350
400
450
300
0
COUT=0
µF
COUT=0.1
µF
COUT=1.0
µF
COUT=2.2
µF
COUT=4.7
µF
40
80
120
160
20
0
60
100
140
180
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Output Voltage
CE Input Voltage
Inrush Current
Time t (
µs)
40
120
80
200
160
280
320
360
240
0
COUT=0
µF
COUT=0.1
µF
COUT=1.0
µF
COUT=2.2
µF
COUT=4.7
µF
VIN=3.8V
RP107x421xB/D
40
80
120
160
20
0
60
100
140
180
6
5
4
3
2
1
0
Output Voltage
CE Input Voltage
Inrush Current
VIN=5.2V
Time t (
µs)
60
180
120
300
240
360
0
COUT=0
µF
COUT=0.1
µF
COUT=1.0
µF
COUT=2.2
µF
COUT=4.7
µF
*RP107N (SOT-23-5) is the non-promotion product. As of June in 2016.


Similar Part No. - RP107K251B-TR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-11005DRAW RECOM-RP10-11005DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11005SRAW RECOM-RP10-11005SRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11012DRAW RECOM-RP10-11012DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11012SRAW RECOM-RP10-11012SRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11015DRAW RECOM-RP10-11015DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results

Similar Description - RP107K251B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com