Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP111L301D-TR Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RP111L301D-TR
Description  Supply Current Typ. 80uA
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP111L301D-TR Datasheet(HTML) 2 Page - RICOH electronics devices division

  RP111L301D-TR Datasheet HTML 1Page - RICOH electronics devices division RP111L301D-TR Datasheet HTML 2Page - RICOH electronics devices division RP111L301D-TR Datasheet HTML 3Page - RICOH electronics devices division RP111L301D-TR Datasheet HTML 4Page - RICOH electronics devices division RP111L301D-TR Datasheet HTML 5Page - RICOH electronics devices division RP111L301D-TR Datasheet HTML 6Page - RICOH electronics devices division RP111L301D-TR Datasheet HTML 7Page - RICOH electronics devices division RP111L301D-TR Datasheet HTML 8Page - RICOH electronics devices division RP111L301D-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
RP111x
NO.EA-241-150204
2
BLOCK DIAGRAMS
RP111xxx1B
RP111xxx1D
VDD
GND
VOUT
CE
Vref
Current Limit
Thermal Shutdown
VFB
VDD
GND
VOUT
CE
Vref
Current Limit
Thermal Shutdown
VFB
SELECTION GUIDE
The output voltage, auto discharge function, package for the ICs can be selected at the user’s request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RP111Lxx1
-TR
DFN1212-6
5,000 pcs
Yes
Yes
RP111Nxx1
-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
RP111Hxx1
-T1-FE
SOT-89-5
1,000 pcs
Yes
Yes
xxx: The output voltage can be designated in the range of 0.7V(07)to 3.6V(36)in 0.1V steps.
(For other voltages, please refer to MARK INFORMATIONS.)
 : Auto discharge function at off state are options as follows.
(B) without auto discharge function at off state
(D) with auto discharge function at off state


Similar Part No. - RP111L301D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP111L301D RICOH-RP111L301D Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
More results

Similar Description - RP111L301D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com