Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP105K091E-TR Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RP105K091E-TR
Description  Supply Current Typ. 28 uA
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP105K091E-TR Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RP105K091E-TR Datasheet HTML 7Page - RICOH electronics devices division RP105K091E-TR Datasheet HTML 8Page - RICOH electronics devices division RP105K091E-TR Datasheet HTML 9Page - RICOH electronics devices division RP105K091E-TR Datasheet HTML 10Page - RICOH electronics devices division RP105K091E-TR Datasheet HTML 11Page - RICOH electronics devices division RP105K091E-TR Datasheet HTML 12Page - RICOH electronics devices division RP105K091E-TR Datasheet HTML 13Page - RICOH electronics devices division RP105K091E-TR Datasheet HTML 14Page - RICOH electronics devices division RP105K091E-TR Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
NO.EA-179-160420
11
*
RP105Q (SC-88A) is the discontinued product as of June, 2016.
TECHNICAL NOTES
UVLO (Undervoltage Lockout)
In RP105xxxxB/D, UVLO detects and turns off the output when the input voltage VIN drops lower than or
equal to VSET + 50 mV (Typ) while CE = “H”. Since RP105xxxxE/F does not have UVLO, it continues to output
even if VIN drops to VSET + 50 mV (Typ) or lower.
When VIN drops below the set output voltage VSET, UVLO does not turn off the output in RP105xxxxE/F while
CE = “H”, therefore the current flows from VBIAS pin to VIN pin via the inside IC. This will not be generated in
RP105xxxxB/D since UVLO turns off the output when VIN is lower than or equal to VSET + 50 mV (Typ).
Phase Compensation
In this device, phase compensation is made for securing stable operation even if the load current is varied.
For this purpose, use a capacitor for COUT with the capacity of equal or more than 2.2 µF.
If tantalum capacitors are connected as COUT, and if the equivalent series resistance (ESR) value is large,
the operation might be unstable. Because of this, test the device with as same external components as ones
to be used on the PCB.
PCB Layout
Make VBIAS, VIN, and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may
result. Connect a capacitor with a capacitance value as much as 1.0 µF or more between VBIAS pin and GND,
between VIN pin and GND, and as close as possible to the pins.
Set external components, especially the output capacitor, as close as possible to the device, and make
wiring as short as possible. VIN source is supposed to be the output of the DC/DC converter. The value should
be equal or lower than VBIAS voltage.


Similar Part No. - RP105K091E-TR

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RP1053-2 RFM-RP1053-2 Datasheet
93Kb / 2P
   310.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1053-2 MURATA-RP1053-2 Datasheet
153Kb / 2P
   310.0 MHz SAW Resonator
More results

Similar Description - RP105K091E-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
   Supply Current Typ. 40 uA x 2
RP153 RICOH-RP153 Datasheet
946Kb / 23P
   Supply Current RP153LxxxA/ B: Typ. 40 uA x 2
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com