Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ5RW50CA-TR-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RQ5RW50CA-TR-FE
Description  Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RQ5RW50CA-TR-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RQ5RW50CA-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RQ5RW50CA-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RQ5RW50CA-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RQ5RW50CA-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RQ5RW50CA-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RQ5RW50CA-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RQ5RW50CA-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RQ5RW50CA-TR-FE Datasheet HTML 13Page - RICOH electronics devices division RQ5RW50CA-TR-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Rx5RW
10
TYPICAL APPLICATION
4
3
1
2
VDD
VOUT
GND
Rx5RWxxA
C1
VIN
C2
IOUT
CE
4
3
1
2
VDD
VOUT
GND
Rx5RWxxB
C1
VIN
C2
IOUT
CE
4
3
1
2
VDD
VOUT
GND
Rx5RWxxC
C1
VIN
C2
IOUT
NC
In Rx5RW Series, a constant voltage can be obtained without using capacitors, C1 and C2. However, when
the wire connected VIN is long, use capacitor C1. Output noise can be reduced with using capacitor 2.
Insert capacitors C1 and C2 with the capacitance of 0.1
μF to 2μF between input/output pins and GND pin with
minimum wiring.


Similar Part No. - RQ5RW50CA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RQ5RW50CA RICOH-RQ5RW50CA Datasheet
642Kb / 23P
   The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
More results

Similar Description - RQ5RW50CA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP110 RICOH-RP110_17 Datasheet
664Kb / 37P
   Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
RN5RT RICOH-RN5RT_17 Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RP106 RICOH-RP106_17 Datasheet
3Mb / 34P
   Supply Current Typ. 48uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com