Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP101N201B-TR-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP101N201B-TR-FE
Description  Supply Current Typ. 18uA
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP101N201B-TR-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP101N201B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP101N201B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP101N201B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP101N201B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP101N201B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP101N201B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP101N201B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP101N201B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP101N201B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
RP101x
NO.EA-167-160425
5
ELECTRICAL CHARACTERISTICS
RP101xxxxB/D
VIN
Set VOUT1V, IOUT1mA, CINCOUT1F, unless otherwise noted.
Topt
25C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VOUT > 2.0V
0.994
1.006
V
VOUT
 2.0V
12
12
mV
IOUT
Output Current
300
mA
VOUT/
IOUT
Load Regulation
1mA
 IOUT  150mA
20
40
mV
VDIF
Dropout Voltage
IOUT
150mA
1.2V
 VOUT < 1.5V
0.40
0.50
V
1.5V
 VOUT < 1.7V
0.24
0.38
1.7V
 VOUT < 2.0V
0.21
0.34
2.0V
 VOUT < 2.5V
0.17
0.30
2.5V
 VOUT < 2.8V
0.14
0.25
2.8V
 VOUT  3.3V
0.13
0.23
ISS
Supply Current
IOUT
0mA
18
25
A
Istandby
Standby Current
VCE
0V
0.1
2.0
A
VOUT/VIN Line Regulation
Set VOUT
0.5V  VIN  5.0V
0.02
0.10
%/V
RR
Ripple Rejection
f
1kHz, Ripple 0.2Vp-p
VIN
Set VOUT1V, IOUT30mA
(In case that VOUT
 2.0V, VIN3.0V)
75
dB
VIN
Input Voltage*1
1.7
5.25
V
VOUT/
Topt
Output Voltage
Temperature Coefficient
40C  Topt  85C
30
ppm
/
C
ISC
Short Current Limit
VOUT
0V
40
mA
IPD
CE Pull-down Current
0.3
A
VCEH
CE Input Voltage "H"
1.1
V
VCEL
CE Input Voltage "L"
0.3
V
en
Output Noise
BW
10Hz to 100kHz
IOUT
30mA
30
Vrms
RLOW
Low Output Nch Tr. ON
Resistance (of D version)
VIN
4.0V, VCE0V
30

) The maximum Input Voltage of the ELECTRICAL CHARACTERISTICS is 5.25V. In case of exceeding this
specification, the IC must be operated on condition that the Input Voltage is up to 5.5V and the total operating
time is within 500hrs.
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge. And the semiconductor devices may receive serious damage when they continue
to operate over the recommended operating conditions.


Similar Part No. - RP101N201B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP101N201B RICOH-RP101N201B Datasheet
705Kb / 31P
   LOW NOISE 300mA LDO REGULATOR
More results

Similar Description - RP101N201B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP100 RICOH-RP100_17 Datasheet
491Kb / 29P
   Supply Current Typ. 18uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com