Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP101N151B-TR-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RP101N151B-TR-FE
Description  Supply Current Typ. 18uA
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP101N151B-TR-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RP101N151B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP101N151B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP101N151B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP101N151B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP101N151B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP101N151B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP101N151B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP101N151B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP101N151B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
RP101x
NO.EA-167-160425
6
TYPICAL APPLICATION
C1
RP101x
Series
VDD
VOUT
CE
GND
C2
VOUT
(External Components)
C2
1.0
F
MURATA: GRM155B31A105KE15
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use a capacitor C2 with 1.0
F or more capacity.
Ceramic capacitors have different temperature characteristics and bias characteristics depending on their
dimensions and manufacturers. If the setting voltage is 2.5V or more and the capacitor’s dimensions for VOUT
equal to 1.0mm by 0.5mm or smaller than that, the capacitance value might be extremely low. As a result, the
capacitance might be much less than expected. In such cases, the operation might be unstable at low
temperature. (
20C or less) In that case, use a larger capacity, or a large dimensions’ capacitor. (For example
1.6mm by 0.8mm)
If a tantalum capacitor is selected as an output capacitor, large ESR may be a cause of unstable operation.
Evaluate the operation of PCB with considerable frequency characteristics.
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor C1 with a capacitance value as much as 1.0
F or more between VDD and GND pin, and as
close as possible to the pins.
Set external components, especially the output capacitor C2, as close as possible to the ICs, and make wiring
as short as possible.


Similar Part No. - RP101N151B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP101N151B RICOH-RP101N151B Datasheet
705Kb / 31P
   LOW NOISE 300mA LDO REGULATOR
More results

Similar Description - RP101N151B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP100 RICOH-RP100_17 Datasheet
491Kb / 29P
   Supply Current Typ. 18uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com