Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP101K332D-TR Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP101K332D-TR
Description  Supply Current Typ. 18uA
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP101K332D-TR Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP101K332D-TR Datasheet HTML 1Page - RICOH electronics devices division RP101K332D-TR Datasheet HTML 2Page - RICOH electronics devices division RP101K332D-TR Datasheet HTML 3Page - RICOH electronics devices division RP101K332D-TR Datasheet HTML 4Page - RICOH electronics devices division RP101K332D-TR Datasheet HTML 5Page - RICOH electronics devices division RP101K332D-TR Datasheet HTML 6Page - RICOH electronics devices division RP101K332D-TR Datasheet HTML 7Page - RICOH electronics devices division RP101K332D-TR Datasheet HTML 8Page - RICOH electronics devices division RP101K332D-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
RP101x SERIES
0.6% ACCURACY LOW NOISE 300mA LDO REGULATOR
NO.EA-167-160425
1
OUTLINE
The RP101x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low
supply current, low ON-resistance, and high ripple rejection. Each of these ICs consists of a voltage reference
unit, an error amplifier, resistor-net for voltage setting, a current limit circuit, and a chip enable circuit.
These ICs perform with low dropout voltage and a chip enable function. The line transient response and load
transient response of the RP101x Series are excellent, thus these ICs are very suitable for the power supply for
hand-held communication equipment.
The output voltage of these ICs is fixed with high accuracy. Since the packages for these ICs are SOT-23-5 and
DFN(PLP)1612-4 (t
0.6mm type) or DFN(PLP)1612-4B (t0.4mm type), therefore high density mounting of the
ICs on boards is possible.
FEATURES
 Supply Current .............................................................Typ. 18A
 Standby Current ...........................................................Typ. 0.1A
 Dropout Voltage............................................................Typ. 0.13V (IOUT150mA, VOUT2.8V)
 Ripple Rejection ...........................................................Typ. 75dB (f1kHz)
 Temperature-Drift Coefficient of Output Voltage ..........Typ. 30ppm/C
 Line Regulation ............................................................Typ. 0.02%/V
 Output Voltage Accuracy..............................................0.6%
 Packages......................................................................DFN(PLP)1612-4, DFN(PLP)1612-4B, SOT-23-5
 Input Voltage Range.....................................................1.7V to 5.25V
 Output Voltage Range..................................................1.2V to 3.3V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
 Built-in Fold Back Protection Circuit.............................Typ. 40mA (Current at short mode)
 Ceramic capacitors are recommended to be used with this IC .... 1.0F or more
APPLICATIONS
 Power source for portable communication equipment.
 Power source for electrical appliances such as cameras, VCRs and camcorders.
 Power source for battery-powered equipment.
 Power source for home appliances.


Similar Part No. - RP101K332D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP101K332D RICOH-RP101K332D Datasheet
705Kb / 31P
   LOW NOISE 300mA LDO REGULATOR
More results

Similar Description - RP101K332D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP100 RICOH-RP100_17 Datasheet
491Kb / 29P
   Supply Current Typ. 18uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com