Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP108J081D-T1-FE Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RP108J081D-T1-FE
Description  Output Current Min. 3A
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP108J081D-T1-FE Datasheet(HTML) 2 Page - RICOH electronics devices division

  RP108J081D-T1-FE Datasheet HTML 1Page - RICOH electronics devices division RP108J081D-T1-FE Datasheet HTML 2Page - RICOH electronics devices division RP108J081D-T1-FE Datasheet HTML 3Page - RICOH electronics devices division RP108J081D-T1-FE Datasheet HTML 4Page - RICOH electronics devices division RP108J081D-T1-FE Datasheet HTML 5Page - RICOH electronics devices division RP108J081D-T1-FE Datasheet HTML 6Page - RICOH electronics devices division RP108J081D-T1-FE Datasheet HTML 7Page - RICOH electronics devices division RP108J081D-T1-FE Datasheet HTML 8Page - RICOH electronics devices division RP108J081D-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
RP108J
NO.EA-203-150817
2
BLOCK DIAGRAMS
RP108Jxx1B/E
RP108Jxx1D/F
VDD
GND
VOUT
CE
Vref
Current Limit
Thermal Shutdown
VFB
Reverse Detecter
VDD
GND
VOUT
CE
Vref
Current Limit
Thermal Shutdown
VFB
Reverse Detecter
SELECTION GUIDE
The output voltage, auto discharge function, and the soft-start time for the ICs can be selected at the user’s
request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RP108Jxx1
∗(y) -T1-FE
TO-252-5-P2
3,000 pcs
Yes
Yes
xx: The set output voltage (VSET) can be designated in the range of 0.8V(08) to 4.2V(42) in 0.1V steps.
y: If the output voltage includes the 3rd digit, indicate the digit of 0.01V.
(1.25V, 1.85V, 2.85V)
Ex. If the output voltage is 1.25V, RP108J121
∗5-T1-FE.
If the output voltage is 1.85V, RP108J181
∗5-T1-FE.
If the output voltage is 2.85V, RP108J281
∗5-T1-FE.
∗: Designation of auto-discharge function at off state and the soft-start time
(B) No auto-discharge function
, soft start time typ. 180 μs
(D) Auto-discharge function
, soft start time typ. 180 μs
(E) No auto-discharge function
, soft start time typ. 570 μs
(F) Auto-discharge function
, soft start time typ. 570 μs
.
Auto-discharge function quickly lowers the output voltage to 0V, when the chip enable signal is switched from the active
mode to the standby mode, by releasing the electrical charge accumulated in the external capacitor.
Refer to CONSTANT SLOPE CIRCUIT for detailed information on the difference of soft-start time and its effect.


Similar Part No. - RP108J081D-T1-FE

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP108 DEC-RP108 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
More results

Similar Description - RP108J081D-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP131 RICOH-RP131 Datasheet
779Kb / 36P
   Output Current Min. 1A
RP132 RICOH-RP132 Datasheet
1Mb / 47P
   Output Current Min. 1A
logo
Advanced Monolithic Sys...
AMS1070 AMS-AMS1070 Datasheet
838Kb / 7P
   3A Continuous Output Current
logo
IK Semicon Co., Ltd
IK5302 IKSEMICON-IK5302 Datasheet
855Kb / 14P
   3A continuous output current
logo
Exar Corporation
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
   3A Guaranteed Output Current
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Intersil Corporation
ISL85033DUALEVAL1Z INTERSIL-ISL85033DUALEVAL1Z Datasheet
1Mb / 9P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
logo
Lineage Power Corporati...
AXH003A0X LINEAGEPOWER-AXH003A0X Datasheet
518Kb / 18P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
AXH003A0X-SR LINEAGEPOWER-AXH003A0X-SR Datasheet
708Kb / 20P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com