Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP110 Datasheet(PDF) 17 Page - RICOH electronics devices division

Part # RP110
Description  Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP110 Datasheet(HTML) 17 Page - RICOH electronics devices division

Back Button RP110_17 Datasheet HTML 13Page - RICOH electronics devices division RP110_17 Datasheet HTML 14Page - RICOH electronics devices division RP110_17 Datasheet HTML 15Page - RICOH electronics devices division RP110_17 Datasheet HTML 16Page - RICOH electronics devices division RP110_17 Datasheet HTML 17Page - RICOH electronics devices division RP110_17 Datasheet HTML 18Page - RICOH electronics devices division RP110_17 Datasheet HTML 19Page - RICOH electronics devices division RP110_17 Datasheet HTML 20Page - RICOH electronics devices division RP110_17 Datasheet HTML 21Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
RP110x
NO.EA-239-140522
17
Package Dimensions (SC-88A)
2.0±0.2
1.3±0.2
5
1
2
3
4
Unit : mm
0.2
A
0.65
0.15±0.07
0~14
°
0.15
+0.1
-0.05
B
0.10 S AB
0.10 S
S
Mark Specification (SC-88A)
:
Product Code …Refer to “RP110Q Series Mark Specification Table”.
:
Lot Number
… Alphanumeric Serial Number
5
1
2
3
4


Similar Part No. - RP110_17

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1104 MURATA-RP1104 Datasheet
132Kb / 2P
   824.25 MHz SAW Resonator
RP1104 MURATA-RP1104_15 Datasheet
253Kb / 2P
   640.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RP1105 RFM-RP1105 Datasheet
93Kb / 2P
   640.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1105 MURATA-RP1105 Datasheet
136Kb / 2P
   640.0 MHz SAW Resonator
More results

Similar Description - RP110_17

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RD5RW RICOH-RD5RW Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
RP200 RICOH-RP200 Datasheet
547Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
RN5RT RICOH-RN5RT_17 Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com