Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP103K331D-TR Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RP103K331D-TR
Description  Supply Current Typ. 36uA
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP103K331D-TR Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RP103K331D-TR Datasheet HTML 2Page - RICOH electronics devices division RP103K331D-TR Datasheet HTML 3Page - RICOH electronics devices division RP103K331D-TR Datasheet HTML 4Page - RICOH electronics devices division RP103K331D-TR Datasheet HTML 5Page - RICOH electronics devices division RP103K331D-TR Datasheet HTML 6Page - RICOH electronics devices division RP103K331D-TR Datasheet HTML 7Page - RICOH electronics devices division RP103K331D-TR Datasheet HTML 8Page - RICOH electronics devices division RP103K331D-TR Datasheet HTML 9Page - RICOH electronics devices division RP103K331D-TR Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
RP103x
NO.EA-149-160426
6
∗RP103Qxx2 (SC-88A) is the discontinued product. As of April in 2016
The specifications surrounded by
are guaranteed by Design Engineering at
−40°C ≤ Ta ≤ 85°C.
Dropout Voltage
(Ta=25
°C)
Set Output Voltage
VSET (V)
Dropout Voltage VDIF (V)
Condition
TYP.
MAX.
1.2V ≤ VSET < 1.5V
IOUT=150mA
0.500
0.620
1.5V ≤ VSET < 1.7V
0.380
0.470
1.7V ≤ VSET < 2.0V
0.340
0.420
2.0V ≤ VSET < 2.5V
0.280
0.360
2.5V ≤ VSET < 2.8V
0.220
0.300
2.8V ≤ VSET ≤ 3.3V
0.210
0.270


Similar Part No. - RP103K331D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP103K331D RICOH-RP103K331D Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
RP103K331D RICOH-RP103K331D Datasheet
26Kb / 1P
   MARK INFORMATIONS SERIES MARK SPECIFICATION
More results

Similar Description - RP103K331D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com