Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP102K251-TR Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RP102K251-TR
Description  Supply Current Typ. 50uA
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP102K251-TR Datasheet(HTML) 3 Page - RICOH electronics devices division

  RP102K251-TR Datasheet HTML 1Page - RICOH electronics devices division RP102K251-TR Datasheet HTML 2Page - RICOH electronics devices division RP102K251-TR Datasheet HTML 3Page - RICOH electronics devices division RP102K251-TR Datasheet HTML 4Page - RICOH electronics devices division RP102K251-TR Datasheet HTML 5Page - RICOH electronics devices division RP102K251-TR Datasheet HTML 6Page - RICOH electronics devices division RP102K251-TR Datasheet HTML 7Page - RICOH electronics devices division RP102K251-TR Datasheet HTML 8Page - RICOH electronics devices division RP102K251-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
RP102x
NO.EA-141-160705
3
PIN CONFIGURATIONS
WLCSP-4-P2
DFN(PLP)1820-6
SOT-23-5
Mark Side
Bump Side
2
1
A
B
B
A
2
1
Top View
6
5
4
1
2
3
Bottom View
4
5
6
3
2
1
1
1
2
3
4
5
(mark side)
PIN DESCRIPTION
WLCSP-4-P2
Pin No
Symbol
Pin Description
A1
VDD
Input Pin
A2
VOUT
Output Pin
B1
CE
Chip Enable Pin ("H" Active)
B2
GND
Ground Pin
DFN(PLP)1820-6
Pin No
Symbol
Pin Description
1
VOUT
Output Pin2
2
VOUT
Output Pin2
3
GND
Ground Pin
4
CE
Chip Enable Pin ("H" Active)
5
VDD
Input Pin2
6
VDD
Input Pin2
1) Tab is GND level. (They are connected to the reverse side of this IC.)
The tab is better to be connected to the GND, but leaving it open is also acceptable.
2) No.1 pin and No.2 pin, No.5 pin and No.6 pin of DFN(PLP)1820-6 package must be wired when it is
mounted on board.
SOT-23-5
Pin No
Symbol
Pin Description
1
VDD
Input Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin ("H" Active)
4
NC
No Connection
5
VOUT
Output Pin


Similar Part No. - RP102K251-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP102K251B RICOH-RP102K251B Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K251B RICOH-RP102K251B Datasheet
376Kb / 30P
   LOW NOISE 300mA LDO REGULATOR
RP102K251D RICOH-RP102K251D Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K251D RICOH-RP102K251D Datasheet
376Kb / 30P
   LOW NOISE 300mA LDO REGULATOR
More results

Similar Description - RP102K251-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP109 RICOH-RP109 Datasheet
815Kb / 42P
   Supply Current Typ. 50uA
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com