Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5RZ45BA-TR-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RN5RZ45BA-TR-FE
Description  Supply Current Typ. 20uA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RZ45BA-TR-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RN5RZ45BA-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RN5RZ45BA-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RN5RZ45BA-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RN5RZ45BA-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RN5RZ45BA-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RN5RZ45BA-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RN5RZ45BA-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RN5RZ45BA-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RN5RZ45BA-TR-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
5
Rx5RZ
• RN5RZxxB Series
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN=VOUT+1V, IOUT=30mA
×0.98
×1.02
V
IOUT
Output Current
VIN=VOUT+1V
100
mA
When VOUT=VOUT–0.1V
∆VOUT
Load Regulation
VIN=VOUT+1V
20
40
mV
∆IOUT
1mA
≤IOUT≤80mA
VDIF
Dropout Voltage
IOUT=60mA
0.2
0.3
V
ISS
Supply Current
VIN=VOUT+1V
20
40
µA
Istandby
Supply Current (Standby)
VIN=VOUT+1V, VCE=GND
0.1
1.0
µA
∆VOUT
Line Regulation
IOUT=30mA
0.05
0.20
%/V
∆VIN
VOUT+0.5V
≤VIN≤8.0V
RR
Ripple Rejection
f=1kHz, Ripple 0.5Vrms
55
dB
VIN=VOUT+1V
VIN
Input Voltage
8V
∆VOUT
Output Voltage
IOUT=30mA
±100
ppm/˚C
∆Topt
Temperature Coefficient
–40˚C
≤Topt≤85˚C
Ilim
Short Current Limit
VOUT=0V
50
mA
RPU
CE Pull-down Resistance
2.5
5.0
10.0
M
VCEH
CE Input Voltage “H”
1.5
V
VCEL
CE Input Voltage “L”
0.00
0.25
V
Topt=25˚C
• RH5RZxxC Series
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN=VOUT+1V, IOUT=30mA
×0.98
×1.02
V
IOUT
Output Current
VIN=VOUT+1V
100
mA
∆VOUT
Load Regulation
VIN=VOUT+1V
20
40
mV
∆IOUT
1mA
≤IOUT≤80mA
VDIF
Dropout Voltage
IOUT=60mA
0.2
0.3
V
ISS
Supply Current
VIN=VOUT+1V
20
40
µA
∆VOUT
Line Regulation
IOUT=30mA
0.05
0.20
%/V
∆VIN
VOUT+0.5V
≤VIN≤8.0V
RR
Ripple Rejection
f=1kHz, Ripple 0.5Vrms
55
dB
VIN=VOUT+1V
VIN
Input Voltage
8V
∆VOUT
Output Voltage
IOUT=30mA
±100
ppm/˚C
∆Topt
Temperature Coefficient
–40˚C
≤Topt≤85˚C
Ilim
Short Current Limit
VOUT=0V
50
mA
Topt=25˚C


Similar Part No. - RN5RZ45BA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RZ45HA-TL RICOH-RN5RZ45HA-TL Datasheet
151Kb / 24P
   LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR
RN5RZ45HA-TR RICOH-RN5RZ45HA-TR Datasheet
151Kb / 24P
   LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR
RN5RZ45HC-TL RICOH-RN5RZ45HC-TL Datasheet
151Kb / 24P
   LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR
RN5RZ45HC-TR RICOH-RN5RZ45HC-TR Datasheet
151Kb / 24P
   LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR
RN5RZ45LA-TL RICOH-RN5RZ45LA-TL Datasheet
151Kb / 24P
   LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR
More results

Similar Description - RN5RZ45BA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com