Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5326N040-TR-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R5326N040-TR-FE
Description  Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5326N040-TR-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R5326N040-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R5326N040-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R5326N040-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R5326N040-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R5326N040-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R5326N040-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R5326N040-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R5326N040-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R5326N040-TR-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
R5326x
7
TYPICAL APPLICATION
OUT2
OUT1
IN
VOUT2
VOUT1
GND
CE1
CE2
VDD
R5326x
Series
C3
C2
C1
(External Components)
Capacitor; Ceramic Type
C1
: 1.0
μF Ceramic
C2, C3 : Refer to the following table
Recommended Ceramic capacitor for Output (C2, C3)
Minimum Input Voltage
Output Voltage Range
1.4V <
= VIN < 1.65V
1.65V <
= VIN
0.8V <
= VOUT < 1.2V
3.3
μF or more
2.2
μF or more
1.2V <
= V
<
= 4.2V
3.3
OUT
μF or more
1.0
μF or more
Output Capacitors
3.3
μF (Murata) GRM219B31A335KE18B
2.2
μF (Murata) GRM155B30J225M
1.0
μF (Murata) GRM155B31A105KE15
*R5326N (SOT-23-6) and R5326Z (WLCSP-6-P1) are the discontinued product. As of June in 2016.


Similar Part No. - R5326N040-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326N001A RICOH-R5326N001A Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
R5326N001B RICOH-R5326N001B Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
R5326N002A RICOH-R5326N002A Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
R5326N002B RICOH-R5326N002B Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
R5326N003A RICOH-R5326N003A Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
More results

Similar Description - R5326N040-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5328K RICOH-R5328K_17 Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
R5324 RICOH-R5324 Datasheet
499Kb / 30P
   Supply Current Typ. 90uA (VR1, VR2, VR3)
RP154 RICOH-RP154 Datasheet
552Kb / 33P
   300mA SMALL DUAL LDO REGULATOR
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
RP200 RICOH-RP200 Datasheet
547Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
logo
Infineon Technologies A...
IFX30081LDV33 INFINEON-IFX30081LDV33 Datasheet
1Mb / 26P
   Ultra Low Quiescent Current of typ. 5.5
Rev.1.0, 2015-09-14
logo
RICOH electronics devic...
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RN5RT RICOH-RN5RT_17 Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com