Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP100K201D-TR Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RP100K201D-TR
Description  Supply Current Typ. 18uA
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP100K201D-TR Datasheet(HTML) 4 Page - RICOH electronics devices division

  RP100K201D-TR Datasheet HTML 1Page - RICOH electronics devices division RP100K201D-TR Datasheet HTML 2Page - RICOH electronics devices division RP100K201D-TR Datasheet HTML 3Page - RICOH electronics devices division RP100K201D-TR Datasheet HTML 4Page - RICOH electronics devices division RP100K201D-TR Datasheet HTML 5Page - RICOH electronics devices division RP100K201D-TR Datasheet HTML 6Page - RICOH electronics devices division RP100K201D-TR Datasheet HTML 7Page - RICOH electronics devices division RP100K201D-TR Datasheet HTML 8Page - RICOH electronics devices division RP100K201D-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
RP100x
NO.EA-140-160425
4
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
6.0
V
VCE
Input Voltage (CE Pin)
6.0
V
VOUT
Output Voltage
−0.3 to VIN+0.3
V
IOUT
Output Current
300
mA
PD
Power Dissipation (SOT-23-5)
420
mW
Power Dissipation (DFN(PLP)1612-4)
610
Topt
Operating Temperature Range
−40 to 85
°C
Tstg
Storage Temperature Range
−55 to 125
°C
∗) For Power Dissipation, please refer to PACKAGE INFORMATION.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the
permanent damages and may degrade the life time and safety for both device and system using the device
in the field. The functional operation at or over these absolute maximum ratings is not assured.


Similar Part No. - RP100K201D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP100K201D RICOH-RP100K201D Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
More results

Similar Description - RP100K201D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com