Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE5RF50B-TR-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RE5RF50B-TR-FE
Description  Supply Current Typ. 30uA
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RE5RF50B-TR-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RE5RF50B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RE5RF50B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RE5RF50B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RE5RF50B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RE5RF50B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RE5RF50B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RE5RF50B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RE5RF50B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RE5RF50B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RN5RF
6
OPERATION
2
5
1
VOUT
GND
VDD
CE
Vref
3
Current Limit
+
-
4
EXT
IN
GND
RN5RFxxA
PNP Tr
Ra
Rb
CL
C
OUT
GND
,Q WKHVH ,&V 2XWSXW 9ROWDJH 9287 LV GHWHFWHG E\ IHHGEDFN UHVLVWRUV 5$ DQG 5% DQG WKH GHWHFWHG RXWSXW YROWDJH LV
FRPSDUHG ZLWK D UHIHUHQFH YROWDJH E\ WKH HUURU DPSOLILHU VR WKDW WKH EDVH FXUUHQW RI DQ H[WHUQDO 313 7UDQVLVWRU FDQ
EH DGMXVWHG DQGWKH RXWSXWYROWDJH9287 LV DEOHWREHUHJXODWHG
7KH EDVH FXUUHQW RI DQH[WHUQDO 7U LV PRQLWRUHG DQG FRQWUROOHGE\ DQ LQWHUQDO EDVH FXUUHQW OLPLW FLUFXLW WR NHHS FXU
UHQW ZLWKLQ D SURSHU UDQJH )XUWKHUPRUH WKH RWKHU FXUUHQW OLPLW FLUFXLW SUHYHQWV D SUREOHP ZKLFK LV WKDW D EDVH FXU
UHQW LQFUHDVHVVKDUSO\ ZKHQDQLQSXW YROWDJH9,1 EHFRPHV ORZHUWKDQVHWRXWSXW YROWDJH
Notes on selecting external components
 2QH[WHUQDO313WUDQVLVWRU
%HFDUHIXORIRXWSXWFXUUHQWLQSXWYROWDJHDQG SRZHUGLVVLSDWLRQRIDQH[WHUQDO313 7UDQVLVWRU
([WHUQDO 3137UDQVLVWRU ZLWKDORZ 9&( VDWDQG DQK)( EHWZHHQDQGLVVXLWDEOH
 2QSKDVHFRPSHQVDWLRQLQ WKHVH ,&VSKDVH FRPSHQVDWLRQLVPDGHIRUVHFXULQJVWDEOHRSHUDWLRQHYHQ LIWKHORDG
FXUUHQWLV YDULHG)RUWKLVSXUSRVH EHVXUH WRXVHD FDSDFLWRU&/ WDQWDOXPW\SH ZLWKDFDSDFLWDQFHRI—)RI
PRUH7KHUH PD\ EHWKHFDVHWKH ORRSRVFLOODWLRQWDNHVSODFH ZKHQDWDQWDOXP FDSDFLWRU&/ ZLWKD ODUJH(65 LV
XVHGVRVHOHFWWKH&/ FDUHIXOO\ZLWKFRQVLGHULQJWKHIUHTXHQF\FKDUDFWHULVWLFVDOVR


Similar Part No. - RE5RF50B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RE5RE20AA RICOH-RE5RE20AA Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RE5RE20AA-RF RICOH-RE5RE20AA-RF Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RE5RE20AA-RR RICOH-RE5RE20AA-RR Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RE5RE20AA-T1 RICOH-RE5RE20AA-T1 Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RE5RE20AA-T2 RICOH-RE5RE20AA-T2 Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
More results

Similar Description - RE5RF50B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com