Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE5RF60A-TR-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RE5RF60A-TR-FE
Description  Supply Current Typ. 30uA
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RE5RF60A-TR-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RE5RF60A-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RE5RF60A-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RE5RF60A-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RE5RF60A-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RE5RF60A-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RE5RF60A-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RE5RF60A-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RE5RF60A-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RE5RF60A-TR-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RN5RF
5
• RN5RFxxB
7RSW ƒ&
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
9287
2XWSXW9ROWDJH
9,19287 9
,287 P$
'287
×
'287
×
9
,287
2XWSXW&XUUHQW
9,19287 9
 
$
,(;7
(;7&XUUHQW
9,1 9 9(;7 9



P$
∆9287∆,287 /RDG5HJXODWLRQ
9,19287 9
P$≤,287≤P$


P9
9',)
'URSRXW9ROWDJH
,287 P$


9
,66
6XSSO\&XUUHQW
9,1²9287 9
,287 P$


—$
,VWDQGE\
6WDQGE\ &XUUHQW
9,1 9



—$
,(;7OHDN
(;7/HDNDJH &XUUHQW

—$
∆9287∆V,1 /LQH5HJXODWLRQ
,287 P$
9287 9≤9,1≤9



9
55
5LSSOH5HMHFWLRQ
I N+]VLQXVRLGDO9SS
9,1²9287 9

G%
9,1
,QSXW9ROWDJH

9
9(;7
(;72XWSXW9ROWDJH

9
∆9287∆7RSW
2XWSXW9ROWDJH 7HPSHUDWXUH
&RHIILFLHQW
,287 P$
ƒ&≤7RSW≤ƒ&
“
SSPƒ&
53'
3XOO GRZQUHVLVWDQFHIRU&(
SLQ
0Ω
9&(+
&(,QSXW9ROWDJH ´+µ

9,1
9
9&(/
&(,QSXW9ROWDJH ´/µ


9
*1)
The output current depends on the performance of external PNP transistor. Use External PNP transis-
tor of a low saturation type, with an hFE between 100 and 300.
*)
With respect to Test Circuit, refer to Typical Application.


Similar Part No. - RE5RF60A-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RE5RE20AA RICOH-RE5RE20AA Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RE5RE20AA-RF RICOH-RE5RE20AA-RF Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RE5RE20AA-RR RICOH-RE5RE20AA-RR Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RE5RE20AA-T1 RICOH-RE5RE20AA-T1 Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RE5RE20AA-T2 RICOH-RE5RE20AA-T2 Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
More results

Similar Description - RE5RF60A-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com