Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5RT30AA-TR-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RN5RT30AA-TR-FE
Description  Supply Current Typ. 4關A (except ICEL)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RT30AA-TR-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RN5RT30AA-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RN5RT30AA-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RN5RT30AA-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RN5RT30AA-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RN5RT30AA-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RN5RT30AA-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RN5RT30AA-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RN5RT30AA-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RN5RT30AA-TR-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RN5RT
7
Topt=25˚C
Supply Current
Line Regulation
Input
Output Voltage
Short
CE Input Voltage
CE Input Current
(Standby)
Voltage Temperature Coefficient Current Limit
“H”“L”“H”“L”
Istandby (µA)
∆VOUT/∆VIN (%/V) VIN (V) ∆VOUT/∆T (ppm/˚C)
Ilim (mA)
VCEH (V) VCEL (V)
ICEH (µA)
ICEL (µA)
Conditions
Typ. Max. Conditions Typ. Max. Max. Conditions Typ. Conditions Typ.
Min. Max. Conditions Typ. Max. Conditions Min.
Typ. Max.
IOUT=
IOUT=
30mA
10mA
0.1
1.0
VOUT+
0.15
0.3
8
–40˚C ±100
VOUT
30
1.5
0.25
VCE=
0
0.1
VCE=
–4.0
–2.0
–0.1
0.5V
≤Topt
=0V
VIN
0V
≤VIN
≤85˚C
≤8V
VIN–VOUT
=1.0V


Similar Part No. - RN5RT30AA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RT30AA-TR RICOH-RN5RT30AA-TR Datasheet
89Kb / 17P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - RN5RT30AA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP110 RICOH-RP110_17 Datasheet
664Kb / 37P
   Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
RN5RL RICOH-RN5RL_17 Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
RD5RW RICOH-RD5RW Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
logo
SG Micro Corp
SGM6603 SGMICRO-SGM6603 Datasheet
1Mb / 17P
   Device Quiescent Current: 30關A (TYP)
SGM6605 SGMICRO-SGM6605 Datasheet
1Mb / 15P
   Device Quiescent Current: 30關A (TYP)
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com