Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH5RE40AA-T1-FE Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RH5RE40AA-T1-FE
Description  Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RE40AA-T1-FE Datasheet(HTML) 2 Page - RICOH electronics devices division

  RH5RE40AA-T1-FE Datasheet HTML 1Page - RICOH electronics devices division RH5RE40AA-T1-FE Datasheet HTML 2Page - RICOH electronics devices division RH5RE40AA-T1-FE Datasheet HTML 3Page - RICOH electronics devices division RH5RE40AA-T1-FE Datasheet HTML 4Page - RICOH electronics devices division RH5RE40AA-T1-FE Datasheet HTML 5Page - RICOH electronics devices division RH5RE40AA-T1-FE Datasheet HTML 6Page - RICOH electronics devices division RH5RE40AA-T1-FE Datasheet HTML 7Page - RICOH electronics devices division RH5RE40AA-T1-FE Datasheet HTML 8Page - RICOH electronics devices division RH5RE40AA-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Rx5RE
2
BLOCK DIAGRAMS
Rx5RE
VOUT
GND
VIN
+
2
3
1
Vref
SELECTION GUIDE
The output voltage and package for the ICs can be selected at the user’s request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RH5RExxAA-T1-FE
SOT-89
1,000 pcs
Yes
Yes
RE5RExxAA-TZ-F
TO-92 (Discontinued)
2,500 pcs
Yes
No
xx: The output voltage can be designated in the range from 2.0V (20) to 6.0V (60) in 0.1V steps.
(For other voltages, please refer to MARK INFORMATIONS.)


Similar Part No. - RH5RE40AA-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RE40AA-T1 RICOH-RH5RE40AA-T1 Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
More results

Similar Description - RH5RE40AA-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RL RICOH-RN5RL_17 Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
logo
Micrel Semiconductor
MIC69301 MICREL-MIC69301_11 Datasheet
438Kb / 13P
   Single Supply VIN, Low VIN, Low VOUT, 3ALDO
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
RICOH electronics devic...
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
RP200 RICOH-RP200 Datasheet
547Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Micrel Semiconductor
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
MIC69301 MICREL-MIC69301 Datasheet
289Kb / 11P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
logo
RICOH electronics devic...
R5328K RICOH-R5328K_17 Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com