Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5328K030-TR Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R5328K030-TR
Description  Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5328K030-TR Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R5328K030-TR Datasheet HTML 7Page - RICOH electronics devices division R5328K030-TR Datasheet HTML 8Page - RICOH electronics devices division R5328K030-TR Datasheet HTML 9Page - RICOH electronics devices division R5328K030-TR Datasheet HTML 10Page - RICOH electronics devices division R5328K030-TR Datasheet HTML 11Page - RICOH electronics devices division R5328K030-TR Datasheet HTML 12Page - RICOH electronics devices division R5328K030-TR Datasheet HTML 13Page - RICOH electronics devices division R5328K030-TR Datasheet HTML 14Page - RICOH electronics devices division R5328K030-TR Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
R5328K
11
4.0V (VR1/VR2)
4.0V (VR1/VR2)
0
4.5
1.0
4.0
3.5
2.0
1.5
2.5
3.0
0.5
0
300
200
100
400
Output Current IOUT(mA)
VIN=4.3V
VIN=5.0V
VIN=6.0V
ECO=H
0
4.5
1.0
4.0
3.5
2.0
1.5
2.5
3.0
0.5
0
300
200
100
400
Output Current IOUT(mA)
VIN=4.3V
VIN=5.0V
VIN=6.0V
ECO=L
2) Output Voltage vs. Input Voltage (Topt=25
°C)
0.8V (VR1/VR2)
0.8V (VR1/VR2)
0
1.0
0.3
0.2
0.5
0.7
0.4
0.6
0.8
0.9
0.1
05
4
23
16
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=100mA
IOUT=150mA
ECO=H
0
1.0
0.3
0.2
0.5
0.7
0.4
0.6
0.8
0.9
0.1
05
4
23
16
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=100mA
IOUT=150mA
ECO=L
1.5V (VR1/VR2)
1.5V (VR1/VR2)
0
1.8
0.9
0.6
1.5
1.2
0.3
05
4
23
16
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=100mA
IOUT=150mA
ECO=H
0
1.8
0.9
0.6
1.5
1.2
0.3
05
4
23
16
Input Voltage VIN(V)
IOUT=1mA
IOUT=30mA
IOUT=100mA
IOUT=150mA
ECO=L


Similar Part No. - R5328K030-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5328K001A RICOH-R5328K001A Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
R5328K001B RICOH-R5328K001B Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
R5328K002A RICOH-R5328K002A Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
R5328K002B RICOH-R5328K002B Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
R5328K003A RICOH-R5328K003A Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
More results

Similar Description - R5328K030-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324 RICOH-R5324 Datasheet
499Kb / 30P
   Supply Current Typ. 90uA (VR1, VR2, VR3)
RP154 RICOH-RP154 Datasheet
552Kb / 33P
   300mA SMALL DUAL LDO REGULATOR
R5326 RICOH-R5326 Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
RP200 RICOH-RP200 Datasheet
547Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
RH5RE RICOH-RH5RE Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
RN5RL RICOH-RN5RL_17 Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com