Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5328K025-TR Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R5328K025-TR
Description  Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5328K025-TR Datasheet(HTML) 1 Page - RICOH electronics devices division

  R5328K025-TR Datasheet HTML 1Page - RICOH electronics devices division R5328K025-TR Datasheet HTML 2Page - RICOH electronics devices division R5328K025-TR Datasheet HTML 3Page - RICOH electronics devices division R5328K025-TR Datasheet HTML 4Page - RICOH electronics devices division R5328K025-TR Datasheet HTML 5Page - RICOH electronics devices division R5328K025-TR Datasheet HTML 6Page - RICOH electronics devices division R5328K025-TR Datasheet HTML 7Page - RICOH electronics devices division R5328K025-TR Datasheet HTML 8Page - RICOH electronics devices division R5328K025-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
R5328K SERIES
Low Voltage 3-Mode Dual 150mA LDO
NO.EA-139-111025
1
OUTLINE
The R5328K Series are dual 150mA voltage regulator ICs with 3-mode. The 3-mode describes that they are
the inactive standby, the active fast mode, and the active low power mode. The two active modes can be
switched over with ECO pin. With this function, the output voltage maintains the level, and the mode can be
switched over.
The minimum operating voltage is 1.4V, and the output voltage range is from 0.8V to 4.0V.
Since the package for these ICs is DFN(PLP)2020-8, high density mounting of the ICs on boards is possible.
FEATURES
• Supply Current (Low Power Mode).......................Typ. 2.0μA×2 (VR1&VR2) (VOUT<2.0V)
Typ. 2.5
μA×2 (VR1&VR2) (VOUT >
= 2.0V)
• Supply Current (Fast Mode)..................................Typ. 75μA×2 (VR1&VR2) (VOUT<2.0V)
Typ. 65
μA×2 (VR1&VR2) (VOUT >
= 2.0V)
• Standby Mode .......................................................Typ. 0.1μA (VR1&VR2)
• Input Voltage .........................................................1.4V to 6.0V
• Output Voltage Range...........................................0.8V to 4.0V (0.1V steps)
(For details, please refer to MARK INFORMATIONS.)
• Dropout Voltage ....................................................Typ. 0.25V (IOUT=150mA, VOUT=2.8V)
• Ripple Rejection (Fast Mode) ...............................Typ. 70dB (f=1kHz)
• Line Regulation (Fast Mode).................................Typ. 0.02%/V
• Output Voltage Accuracy (Fast Mode) ..................±1.0%
• Output Voltage Accuracy (Low Power Mode) .......±1.2%
• Temperature-drift Coefficient of Output Voltage....Typ. ±100ppm/°C
• Package ................................................................DFN(PLP)2020-8
• Built-in fold-back protection circuit ........................Typ. 50mA (Current at short mode)
• Ceramic Capacitor is recommended. ..................1.0μF
• Built-in chip enable circuit (A/B: active high)
(Depending on VIN and set VOUT. Refer to the electrical characteristics table.)
APPLICATIONS
• Power source for handheld communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.


Similar Part No. - R5328K025-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5328K001A RICOH-R5328K001A Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
R5328K001B RICOH-R5328K001B Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
R5328K002A RICOH-R5328K002A Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
R5328K002B RICOH-R5328K002B Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
R5328K003A RICOH-R5328K003A Datasheet
1Mb / 37P
   Low Voltage 3-Mode 2ch 150mA LDO
More results

Similar Description - R5328K025-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324 RICOH-R5324 Datasheet
499Kb / 30P
   Supply Current Typ. 90uA (VR1, VR2, VR3)
RP154 RICOH-RP154 Datasheet
552Kb / 33P
   300mA SMALL DUAL LDO REGULATOR
R5326 RICOH-R5326 Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
RP200 RICOH-RP200 Datasheet
547Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
RH5RE RICOH-RH5RE Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
RN5RL RICOH-RN5RL_17 Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com