Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5326Z020-E2-F Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R5326Z020-E2-F
Description  Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5326Z020-E2-F Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R5326Z020-E2-F Datasheet HTML 5Page - RICOH electronics devices division R5326Z020-E2-F Datasheet HTML 6Page - RICOH electronics devices division R5326Z020-E2-F Datasheet HTML 7Page - RICOH electronics devices division R5326Z020-E2-F Datasheet HTML 8Page - RICOH electronics devices division R5326Z020-E2-F Datasheet HTML 9Page - RICOH electronics devices division R5326Z020-E2-F Datasheet HTML 10Page - RICOH electronics devices division R5326Z020-E2-F Datasheet HTML 11Page - RICOH electronics devices division R5326Z020-E2-F Datasheet HTML 12Page - RICOH electronics devices division R5326Z020-E2-F Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
R5326x
9
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current
0.8V(VR1/VR2)
1.5V(VR1/VR2)
VIN=1.4V
VIN=1.5V
VIN=1.6V
VIN=1.8V
VIN=2.8V
VIN=3.8V
0
400
300
200
100
500
Output Current IOUT(mA)
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
0.8
0.9
VIN=1.8V
VIN=2.5V
VIN=3.5V
0
400
300
200
100
500
Output Current IOUT(mA)
0
0.2
0.4
0.6
0.8
1.2
1.0
1.4
1.6
2.8V(VR1/VR2)
4.0V(VR1/VR2)
VIN=3.1V
VIN=3.8V
VIN=4.8V
0
400
300
200
100
500
Output Current IOUT(mA)
0
0.5
1.0
1.5
2.5
2.0
3.0
VIN=4.3V
VIN=5.0V
VIN=6.0V
0
400
300
200
100
500
Output Current IOUT(mA)
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
4.0
4.5
2) Input Voltage vs. Output Voltage
0.8V(VR1/VR2)
1.5V(VR1/VR2)
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=150mA
024
135
Input Voltage VIN(V)
0
0.9
0.6
0.3
1.8
1.5
1.2
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=150mA
024
135
Input Voltage VIN(V)
0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1.0
6
6
*R5326N (SOT-23-6) and R5326Z (WLCSP-6-P1) are the discontinued product. As of June in 2016.


Similar Part No. - R5326Z020-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326Z001A RICOH-R5326Z001A Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
R5326Z001B RICOH-R5326Z001B Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
R5326Z002A RICOH-R5326Z002A Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
R5326Z002B RICOH-R5326Z002B Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
R5326Z003A RICOH-R5326Z003A Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
More results

Similar Description - R5326Z020-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5328K RICOH-R5328K_17 Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
R5324 RICOH-R5324 Datasheet
499Kb / 30P
   Supply Current Typ. 90uA (VR1, VR2, VR3)
RP154 RICOH-RP154 Datasheet
552Kb / 33P
   300mA SMALL DUAL LDO REGULATOR
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
RP200 RICOH-RP200 Datasheet
547Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
logo
Infineon Technologies A...
IFX30081LDV33 INFINEON-IFX30081LDV33 Datasheet
1Mb / 26P
   Ultra Low Quiescent Current of typ. 5.5
Rev.1.0, 2015-09-14
logo
RICOH electronics devic...
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RN5RT RICOH-RN5RT_17 Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com