Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD5RW Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RD5RW
Description  Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RD5RW Datasheet(HTML) 5 Page - RICOH electronics devices division

  RD5RW Datasheet HTML 1Page - RICOH electronics devices division RD5RW Datasheet HTML 2Page - RICOH electronics devices division RD5RW Datasheet HTML 3Page - RICOH electronics devices division RD5RW Datasheet HTML 4Page - RICOH electronics devices division RD5RW Datasheet HTML 5Page - RICOH electronics devices division RD5RW Datasheet HTML 6Page - RICOH electronics devices division RD5RW Datasheet HTML 7Page - RICOH electronics devices division RD5RW Datasheet HTML 8Page - RICOH electronics devices division RD5RW Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Rx5RW
5
ELECTRICAL CHARACTERISTICS
Rx5RW30A
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN
=5.0V
10
μA≤IOUT≤10mA
2.940
3.000
3.060
V
IOUT
Output Current
VIN
=5.0V
50
mA
ΔVOUT/ΔIOUT
Load Regulation
VIN
=5.0V, 1mA≤IOUT≤50mA
40
60
mV
VDIF
Dropout Voltage
IOUT
=1mA
40
60
mV
ISS
Supply Current
VIN
=5.0V
1.5
3.0
μA
Istandby
Standby Current
VIN
=5.0V, VCE=5.0V
0.1
1.0
μA
ΔVOUT/ΔVIN
Line Regulation
IOUT
=1mA
VOUT
+0.5V≤VIN≤8V
0
0.05
0.20
%/V
VIN
Input Voltage
8.0
V
ΔVOUT/ΔTopt
Output Voltage Temperature
Coefficient
IOUT
=10mA
−40°C≤Topt≤85°C
±100
ppm/
°C
ISC
Short Current Limit
40
mA
RPU
Pull up resistance for CE pin
1.5
4.0
12.0
M
Ω
VCEH
CE Input Voltage “H”
1.5
V
VCEL
CE Input Voltage “L”
0.25
V
Rx5RW30B
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN
=5.0V
10
μA≤IOUT≤10mA
2.940
3.000
3.060
V
IOUT
Output Current
VIN
=5.0V
50
mA
ΔVOUT/ΔIOUT
Load Regulation
VIN
=5.0V
1mA
≤IOUT≤50mA
40
60
mV
VDIF
Dropout Voltage
IOUT
=1mA
40
60
mV
ISS
Supply Current
VIN
=5.0V
1.5
3.0
μA
Istandby
Standby Current
VIN
=5.0V, VCE=GND
0.1
1.0
μA
ΔVOUT/ΔVIN
Line Regulation
IOUT
=1mA
VOUT
+0.5V≤VIN≤8V
0
0.05
0.20
%/V
VIN
Input Voltage
8.0
V
ΔVOUT/ΔTopt
Output Voltage Temperature
Coefficient
IOUT
=1mA
−40°C≤Topt≤85°C
±100
ppm/
°C
ISC
Short Current Limit
40
mA
RPD
Pull down resistance for CE
pin
1.5
4.0
12.0
M
Ω
VCEH
CE Input Voltage “H”
1.5
V
VCEL
CE Input Voltage “L”
0.25
V


Similar Part No. - RD5RW

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RD5RW15AA RICOH-RD5RW15AA Datasheet
642Kb / 23P
   The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
RD5RW15BA RICOH-RD5RW15BA Datasheet
642Kb / 23P
   The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
RD5RW15CA RICOH-RD5RW15CA Datasheet
642Kb / 23P
   The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
RD5RW16AA RICOH-RD5RW16AA Datasheet
642Kb / 23P
   The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
RD5RW16BA RICOH-RD5RW16BA Datasheet
642Kb / 23P
   The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
More results

Similar Description - RD5RW

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP110 RICOH-RP110_17 Datasheet
664Kb / 37P
   Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
RN5RT RICOH-RN5RT_17 Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RP106 RICOH-RP106_17 Datasheet
3Mb / 34P
   Supply Current Typ. 48uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com