Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PMT9123QS-TVIT Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part No. PMT9123QS-TVIT
Description  Low Power Right Angle Optical Track Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PIXART [Pixart Imaging Inc.]
Homepage  http://www.pixart.com.tw
Logo 

PMT9123QS-TVIT Datasheet(HTML) 2 Page - Pixart Imaging Inc.

 
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
8
PixArt Imaging Inc.
PMT9123 Product Datasheet
Right Angle Optical Track Sensor
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.02 |12 Jul 2016 | 21001EN
1.3
Signal Description
Figure 2. Pin Configuration
Table 1. PMT9123 Signal Pins Description
Pin No.
Signal Name
Type
Description
Functional Group:
Power Supplies
3
VREG
Power
Internal voltage output
4
VDD
Power
Supply voltage (1.8 V)
27
LED+
Power
Supply to LED anode
1
GND
Ground
Ground
11
GND
Ground
Ground
21
GND
Ground
Ground
22
GND
Ground
Ground
28
GND
Ground
Ground
24
LED-
Ground
LED cathode, must connect to XY_LED
25
LED-
Ground
LED cathode, must connect to XY_LED
26
LED-
Ground
LED cathode, must connect to XY_LED
Functional Group:
Control Interface
7
SCL
Input
Serial data clock
20
SDA
Input / Output Serial data


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn