Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PMT9123QS-TVIT Datasheet(PDF) 14 Page - Pixart Imaging Inc.

Part No. PMT9123QS-TVIT
Description  Low Power Right Angle Optical Track Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PIXART [Pixart Imaging Inc.]
Homepage  http://www.pixart.com.tw
Logo 

PMT9123QS-TVIT Datasheet(HTML) 14 Page - Pixart Imaging Inc.

 
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
20
PixArt Imaging Inc.
PMT9123 Product Datasheet
Right Angle Optical Track Sensor
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Version 1.02 |12 Jul 2016 | 21001EN
System Level Description
4.1
Reference Schematic
PMT9123
1
2
3
4
5
6
7
21
20
19
18
17
16
15
8
9
10
11
12
13
14
28
27
26
25
24
23
22
MOTION
SCL
NRESET
SDA
GND
NC
VREG
VDD
NC
NC
NC
NC
XY_LED
GND
LED-
LED+
C1
100nF
C3
4.7uF / 6.3V
VDD
C2
100nF
C4
4.7uF / 6.3V
R2
10kΩ
VLED_1.8V
R3
43Ω
VDD
R1
10kΩ
VDD
Note: The pull-up resistors on SCL & SDA pins are not needed if
there are existing pull-up resistors on these pins at the MCU side.
1
2
3
6
5
4
SCL
SDA
MOTION
NRESET
VDD
GND
MCU
To MCU
To MCU
29*
VLED (V)
Corresponding resistor R3 Value (Ω)
1.7
33
1.8
43
1.9
56
2.0
68
Figure 9. PMT9123 Reference Schematics


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn