Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHT-RB6X0S740S0AMS0Z Datasheet(PDF) 4 Page - SICK AG

Part # PHT-RB6X0S740S0AMS0Z
Description  PRESSURE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PHT-RB6X0S740S0AMS0Z Datasheet(HTML) 4 Page - SICK AG

  PHT-RB6X0S740S0AMS0Z Datasheet HTML 1Page - SICK AG PHT-RB6X0S740S0AMS0Z Datasheet HTML 2Page - SICK AG PHT-RB6X0S740S0AMS0Z Datasheet HTML 3Page - SICK AG PHT-RB6X0S740S0AMS0Z Datasheet HTML 4Page - SICK AG PHT-RB6X0S740S0AMS0Z Datasheet HTML 5Page - SICK AG PHT-RB6X0S740S0AMS0Z Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PHT-RB6X0S740S0AMS0Z | PHT
PRESSURE SENSORS
Dimensional drawing (Dimensions in mm (inch))
Housing with circular connector M12 x 1, IP 67
M12 x 1
Ø 27
(1.06)
With accuracy H
0.5 %
64 (2.52)
0.25 %
84 (3.31)
Clamp (DIN 11864-3) form A
Ø d11
Ø d10
Design
Ø d10
Ø d11
DIN 11864-3 DN 40
64
53.7
(2.52)
(2.11)
DN 50
77.5
65.7
(3.05)
(2.59)
4
FLUID SENSORS | SICK
Online data sheet | 2017-01-16 15:56:27
Subject to change without notice


Similar Part No. - PHT-RB6X0S740S0AMS0Z

ManufacturerPart #DatasheetDescription
logo
SICK AG
PHT-RB6X0S540S0AFT0Z SICK-PHT-RB6X0S540S0AFT0Z Datasheet
437Kb / 6P
   PRESSURE SENSORS
PHT-RB6X0S540S0ALS0Z SICK-PHT-RB6X0S540S0ALS0Z Datasheet
432Kb / 5P
   PRESSURE SENSORS
PHT-RB6X0S540S0AMS0Z SICK-PHT-RB6X0S540S0AMS0Z Datasheet
439Kb / 6P
   PRESSURE SENSORS
PHT-RB6X0S550S0AFT0Z SICK-PHT-RB6X0S550S0AFT0Z Datasheet
437Kb / 6P
   PRESSURE SENSORS
PHT-RB6X0S550S0ALS0Z SICK-PHT-RB6X0S550S0ALS0Z Datasheet
432Kb / 5P
   PRESSURE SENSORS
More results

Similar Description - PHT-RB6X0S740S0AMS0Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com