Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D500D Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # D500D
Description  Optical Liquid Level Sensors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

D500D Datasheet(HTML) 1 Page - American Electronic Components, inc

  D500D Datasheet HTML 1Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order Codes:
High in Air Sensors: Output Voltage in Liquid < 1Vdc; Output Voltage in Air is within Vs - 0.5Vdc
3 Wire
D500D3
4 Wire (2)
D500D4
Low in Air Sensors: Output Voltage in Liquid is within Vs - 0.5VDC; Output Voltage in Air < 1Vdc
3 Wire
D500D3L
4 Wire (2)
D500D4L
American Electronic Components Inc.,
1101 Lafayette Street, Elkhart, Indiana. USA
Tel: +1-574-295-6330 Fax: +1-574-293-8013
Email: sales@aecsensors.com
http://www.aecsensors.com
© American Electronic Components Inc 2008
Optical Liquid Level Sensors
D500D Series
Features:
* M10 Threaded Body
* Low cost
* Compact size
* High reliability
* Wide range of commercial and
industrial applications.
Specifications are subject to change without notice. E&OE.
D500D 290808
Drawing dimensions in millimetres
Housing Style
D500
M10 Thread (1)
Output Function
Digital (High or Low in Air) outputs
Repeatability
± 1mm
Hysteresis
1mm depending on liquid
Response time rising liquid
50µS
Response time falling liquid (ethanol)
< 1 second
Supply Voltage (Vs)
5 to 12Vdc
Supply Current
15mA nominal
Sink / Source Current
10mA max
Temperature range: operating / (storage)
-25°C to +80°C (-30°C to +85°C)
Housing Material
Polysulphone UDEL 1700
Cable Length
200mm PTFE wires
Environmental
IP67 Rated
Thermal Testing
As per BS EN60068-2-33
Humidity
As per BS EN60068-2-30
Vibration
As per BS EN60068 Part S3: 1996
Mechanical Shock
As per BS EN60068-2-27 Part 2 Ea: 1987
Max. Pressure
7 bar
(1)
Plastic Nut LLPK3 must be ordered separately.
(2)
In certain applications (when used in certain liquids or emulsions and in heavily condensing
applications), it may be necessary to “tune” the sensor’s operation using a 4th wire connected
directly to the LED. This requires the installer to select a suitable current limiting resistor—


Similar Part No. - D500D

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
D500 OHMITE-D500 Datasheet
261Kb / 2P
   Rugged lead free vitreous enamel coating
logo
Dubilier
D5000 DUBILIER-D5000 Datasheet
95Kb / 1P
   ALKALINE
logo
Agilent(Hewlett-Packard...
D5000 HP-D5000 Datasheet
432Kb / 2P
   Agilent D5000 ScreenTape and High Sensitivity D5000 ScreenTape Assays
logo
Highly Electric Co., Lt...
D5000 HIGHLY-D5000 Datasheet
1Mb / 4P
   D COMPACT ENCLOSED SWITCH
logo
List of Unclassifed Man...
D5000M ETC2-D5000M Datasheet
52Kb / 4P
   Modbus RTU or DGH ASCII communications protocol
More results

Similar Description - D500D

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
   Optical Liquid Level Sensors
D101 AEC-D101 Datasheet
190Kb / 1P
   Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
   Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
   Optical Liquid Level Sensors
D103 AEC-D103 Datasheet
188Kb / 1P
   Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
   Optical Liquid Level Sensors
D500A AEC-D500A Datasheet
380Kb / 1P
   Optical Liquid Level Sensors
DLN AEC-DLN Datasheet
206Kb / 1P
   Optical Liquid Level Sensors
D205 AEC-D205 Datasheet
200Kb / 1P
   Optical Liquid Level Sensors
D200HP AEC-D200HP Datasheet
215Kb / 1P
   Optical Liquid Level Sensors
D600D AEC-D600D Datasheet
196Kb / 1P
   Optical Liquid Level Sensors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com