Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17245ETESB+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17245ETESB+
Description  Eliminates External Components and Reduces
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17245ETESB+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17245ETESB+ Datasheet HTML 1Page - Maxim Integrated Products MAX17245ETESB+ Datasheet HTML 2Page - Maxim Integrated Products MAX17245ETESB+ Datasheet HTML 3Page - Maxim Integrated Products MAX17245ETESB+ Datasheet HTML 4Page - Maxim Integrated Products MAX17245ETESB+ Datasheet HTML 5Page - Maxim Integrated Products MAX17245ETESB+ Datasheet HTML 6Page - Maxim Integrated Products MAX17245ETESB+ Datasheet HTML 7Page - Maxim Integrated Products MAX17245ETESB+ Datasheet HTML 8Page - Maxim Integrated Products MAX17245ETESB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TQFN
Junction-to-Ambient Thermal Resistance (BJA)...........35ºC/W
Junction-to-Case Thermal Resistance (BJC) ..............2.7ºC/W
TSSOP
Junction-to-Ambient Thermal Resistance (BJA)........38.3ºC/W
Junction-to-Case Thermal Resistance (BJC) .................3ºC/W
*As per JEDEC51 standard (multilayer board).
SUP, SUPSW, EN to PGND..................................-0.3V to +42V
LX (Note 1)............................................................-0.3V to +42V
SUP to SUPSW....................................................-0.3V to +0.3V
BIAS to AGND.........................................................-0.3V to +6V
SYNCOUT, FOSC, COMP, FSYNC,
PGOOD, FB to AGND ........................-0.3V to (VBIAS + 0.3V)
OUT to PGND .......................................................-0.3V to +12V
BST to LX (Note 1)..................................................-0.3V to +6V
AGND to PGND...................................................-0.3V to + 0.3V
LX Continuous RMS Current................................................3.5A
Output Short-Circuit Duration....................................Continuous
Continuous Power Dissipation (TA = +70°C)*
TQFN (derate 28.6mW/ºC above +70°C)...............2285.7mW
TSSOP (derate 26.1mW/ºC above +70°C) ............2088.8mW
Operating Temperature Range....................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
(VSUP = VSUPSW = 14V, VEN = 14V, L1 = 2.2µH, CIN = 4.7µF, COUT = 22µF, CBIAS = 1µF, CBST = 0.1µF, RFOSC = 12kΩ,
TA = TJ = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VSUP, VSUPSW
3.5
36
V
Line Transient Event
Supply Voltage
VSUP_t_LT
tt_LT < 1s
42
V
Supply Current
ISUP_STANDBY
Standby mode, no load, VOUT = 5V,
VFSYNC = 0V
28
40
µA
Standby mode, no load, VOUT = 3.3V,
VFSYNC = 0V
22
35
Shutdown Supply Current
ISHDN
VEN = 0V
5
10
µA
BIAS Regulator Voltage
VBIAS
VSUP = VSUPSW = 6V to 42V,
IBIAS = 0 to 10mA
4.7
5
5.4
V
BIAS Undervoltage Lockout
VUVBIAS
VBIAS rising
2.95
3.15
3.40
V
BIAS Undervoltage Lockout
Hysteresis
450
650
mV
Thermal Shutdown Threshold
+175
°C
Thermal Shutdown Threshold
Hysteresis
15
°C
Package Thermal Characteristics (Note 2)
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Note 1:
Self-protected against transient voltages exceeding these limits for ≤ 50ns under normal operation and loads up to the maximum
rated output current.
Note 2:
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Electrical Characteristics
www.maximintegrated.com
Maxim Integrated │ 2
MAX17245
3.5V–36V, 3.5A, Synchronous Buck Converter With
28μA Quiescent Current and Reduced EMI


Similar Part No. - MAX17245ETESB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17245EVKIT MAXIM-MAX17245EVKIT Datasheet
2Mb / 13P
   Wide 6V to 36V Input Supply Range
Rev 0; 3/16
More results

Similar Description - MAX17245ETESB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
   Eliminates External Components and Reduces
Rev 0; 4/16
MAX17232 MAXIM-MAX17232 Datasheet
1Mb / 24P
   Eliminates External Components and Reduces Total Cost
Rev 0; 2/16
MAX17242 MAXIM-MAX17242 Datasheet
564Kb / 18P
   Eliminates External Components and Reduces Total Cost
Rev 0; 10/15
logo
List of Unclassifed Man...
4171900XX-3 ETC2-4171900XX-3 Datasheet
2Mb / 3P
   Eliminates film judder and reduces blur caused by latent
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
   External components
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
[Old version datasheet]   No External Components
logo
IXYS Corporation
CPC5712 IXYS-CPC5712 Datasheet
233Kb / 11P
   Minimum External Components
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
   No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
   No external components
ILA7056 IKSEMICON-ILA7056 Datasheet
148Kb / 4P
   No external components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com