Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17245ETESA+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX17245ETESA+
Description  Eliminates External Components and Reduces
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17245ETESA+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX17245ETESA+ Datasheet HTML 5Page - Maxim Integrated Products MAX17245ETESA+ Datasheet HTML 6Page - Maxim Integrated Products MAX17245ETESA+ Datasheet HTML 7Page - Maxim Integrated Products MAX17245ETESA+ Datasheet HTML 8Page - Maxim Integrated Products MAX17245ETESA+ Datasheet HTML 9Page - Maxim Integrated Products MAX17245ETESA+ Datasheet HTML 10Page - Maxim Integrated Products MAX17245ETESA+ Datasheet HTML 11Page - Maxim Integrated Products MAX17245ETESA+ Datasheet HTML 12Page - Maxim Integrated Products MAX17245ETESA+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Detailed Description
The MAX17245 is a 3.5A current-mode, step-down con-
verter with integrated high-side and low-side MOSFETs
designed to operate with an external Schottky diode for
better efficiency. The low-side MOSFET enables fixed-
frequency forced-PWM (FPWM) operation under light-
load applications. The device operates with input voltages
from 3.5V to 36V, while using only 28µA quiescent current
at no load. The switching frequency is resistor programmable
from 220kHz to 2.2MHz and can be synchronized to an
external clock. The output voltage is available as 3.3V/5V
fixed or adjustable from 1V to 10V. The wide input voltage
range, along with its ability to operate at 98% duty cycle
during undervoltage transients, make this device ideal for
many applications.
Under light-load applications, the FSYNC logic input
allows the device to either operate in PFM mode for
reduced current consumption or fixed-frequency PWM
mode to eliminate frequency variation to minimize EMI.
Fixed-frequency PWM mode is extremely useful for power
supplies designed for RF transceivers where tight emission
control is necessary. Protection features include cycle-by-
cycle current limit, overvoltage protection, and thermal
shutdown with automatic recovery. Additional features
include a power-good monitor to ease power-supply
sequencing and a 180° out-of-phase clock output relative
to the internal oscillator at SYNCOUT to create cascaded
power supplies with multiple devices.
Wide Input Voltage Range
The device includes two separate supply inputs (SUP and
SUPSW) specified for a wide 3.5V to 36V input voltage
range. VSUP provides power to the device and VSUPSW
provides power to the internal switch. When the device
is operating with a 3.5V input supply, conditions such as
cold crank can cause the voltage at SUP and SUPSW to
drop below the programmed output voltage. Under such
conditions, the device operate in a high duty-cycle mode to
facilitate minimum dropout from input to output.
In applications where the input voltage exceeds 25V,
output is ≤ 5V, operating frequency is ≥ 1.8MHz and the
IC is selected to be in PWM mode by either forcing the
FSYNC pin high, or using an external clock, pulse skipping
is observed on the LX pin. This happens due to insufficient
minimum on time. Add optional RSNUB = 1Ω and CSNUB
= 220pF to reduce ringing on the LX pin (see the Typical
Application Circuit).
Linear Regulator Output (BIAS)
The MAX17245 includes a 5V linear regulator (BIAS) that
provides power to the internal circuit blocks. Connect a
1µF ceramic capacitor from BIAS to AGND.
PIN
NAME
FUNCTION
TQFN
TSSOP
9
10
EN
SUP Voltage Compatible Enable Input. Drive EN low to PGND to disable the device.
Drive EN high to enable the device.
10
11
SUP
Voltage Supply Input. SUP powers up the internal linear regulator. Bypass SUP to
PGND with a 4.7µF ceramic capacitor. It is recommended to add a placeholder for an
RC filter to reduce noise on the internal logic supply (see the Typical Application Circuit).
11
12
SUPSW
Internal High-Side Switch Supply Input. SUPSW provides power to the internal switch.
Bypass SUPSW to PGND with 0.1µF and 4.7µF ceramic capacitors.
12, 13
13, 14
LX
Inductor Switching Node. Connect a Schottky diode between LX and PGND.
14
15
PGND
Power Ground
15
16
PGOOD
Open-Drain, Active-Low Power-Good Output. PGOOD asserts when VOUT is above
95% regulation point. PGOOD goes low when VOUT is below 92% regulation point.
EP
Exposed Pad. Connect EP to a large-area contiguous copper ground plane for effective
power dissipation. Do not use as the only IC ground connection. EP must be connected
to PGND.
Pin Descriptions (continued)
www.maximintegrated.com
Maxim Integrated │ 9
MAX17245
3.5V–36V, 3.5A, Synchronous Buck Converter With
28μA Quiescent Current and Reduced EMI


Similar Part No. - MAX17245ETESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17245EVKIT MAXIM-MAX17245EVKIT Datasheet
2Mb / 13P
   Wide 6V to 36V Input Supply Range
Rev 0; 3/16
More results

Similar Description - MAX17245ETESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
   Eliminates External Components and Reduces
Rev 0; 4/16
MAX17232 MAXIM-MAX17232 Datasheet
1Mb / 24P
   Eliminates External Components and Reduces Total Cost
Rev 0; 2/16
MAX17242 MAXIM-MAX17242 Datasheet
564Kb / 18P
   Eliminates External Components and Reduces Total Cost
Rev 0; 10/15
logo
List of Unclassifed Man...
4171900XX-3 ETC2-4171900XX-3 Datasheet
2Mb / 3P
   Eliminates film judder and reduces blur caused by latent
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
   External components
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
[Old version datasheet]   No External Components
logo
IXYS Corporation
CPC5712 IXYS-CPC5712 Datasheet
233Kb / 11P
   Minimum External Components
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
   No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
   No external components
ILA7056 IKSEMICON-ILA7056 Datasheet
148Kb / 4P
   No external components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com