Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17244ETERA+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX17244ETERA+
Description  Eliminates External Components and Reduces
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17244ETERA+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX17244ETERA+ Datasheet HTML 2Page - Maxim Integrated Products MAX17244ETERA+ Datasheet HTML 3Page - Maxim Integrated Products MAX17244ETERA+ Datasheet HTML 4Page - Maxim Integrated Products MAX17244ETERA+ Datasheet HTML 5Page - Maxim Integrated Products MAX17244ETERA+ Datasheet HTML 6Page - Maxim Integrated Products MAX17244ETERA+ Datasheet HTML 7Page - Maxim Integrated Products MAX17244ETERA+ Datasheet HTML 8Page - Maxim Integrated Products MAX17244ETERA+ Datasheet HTML 9Page - Maxim Integrated Products MAX17244ETERA+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
(VSUP = VSUPSW = 14V, VEN = 14V, VOUT = 5V, VFYSNC = 0V, RFOSC = 12kΩ, TA = +25°C, unless otherwise noted.)
MAX17244
3.5V–36V, 2.5A, Synchronous Buck Converter
With 28µA Quiescent Current and Reduced EMI
Maxim Integrated │ 6
www.maximintegrated.com
Typical Operating Characteristics
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (A)
0.1
0.001
10
20
30
40
50
60
70
80
90
100
0
0
10
fSW = 2.2MHz, VIN = 14V
PFM MODE
PWM MODE
3.3V
3.3V
5V
5V
VOUT LOAD REGULATION
ILOAD (A)
2.0
1.5
1.0
0.5
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
0
2.5
VOUT = 5V, VIN = 14V
PWM MODE
400kHz
2.2MHz
fSW vs. TEMPERATURE
TEMPERATURE (°C)
110
95
-25 -10 5
35 50 65
20
80
2.04
2.08
2.12
2.16
2.20
2.24
2.28
2.00
-40
125
VIN = 14V,
PWM MODE
VOUT = 5V
VOUT = 3.3V
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (A)
0.1
0.001
10
20
30
40
50
60
70
80
90
100
0
0
10
fSW = 400kHz, VIN = 14V
PFM MODE
PWM MODE
3.3V
3.3V
5V
5V
fSW vs. LOAD CURRENT
ILOAD (A)
2.0
1.5
1.0
0.5
2.12
2.14
2.16
2.18
2.20
2.22
2.24
2.26
2.28
2.30
2.10
0
2.5
VIN = 14V,
PWM MODE
VOUT = 5V
VOUT = 3.3V
SWITCHING FREQUENCY vs. RFOSC
RFOSC (kΩ)
102
72
42
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0
12
132
VOUT LOAD REGULATION
ILOAD (A)
2.0
1.5
1.0
0.5
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
0
2.5
VOUT = 5V, VIN = 14V
PFM MODE
400kHz
2.2MHz
fSW vs. LOAD CURRENT
ILOAD (A)
2.0
1.5
1.0
0.5
426
427
428
429
430
431
432
433
434
435
425
0
2.5
VIN = 14V,
PWM MODE
VOUT = 5V
VOUT = 3.3V
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
26
16
15
20
25
30
35
40
45
50
10
6
36
5V/2.2MHz
PFM MODE


Similar Part No. - MAX17244ETERA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17244ETERA++ MAXIM-MAX17244ETERA+ Datasheet
1Mb / 18P
   3.5V??6V, 2.5A, Synchronous Buck Converter With 28關A Quiescent Current and Reduced EMI
2017
More results

Similar Description - MAX17244ETERA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17245 MAXIM-MAX17245 Datasheet
1Mb / 17P
   Eliminates External Components and Reduces
Rev 0; 4/16
MAX17232 MAXIM-MAX17232 Datasheet
1Mb / 24P
   Eliminates External Components and Reduces Total Cost
Rev 0; 2/16
MAX17242 MAXIM-MAX17242 Datasheet
564Kb / 18P
   Eliminates External Components and Reduces Total Cost
Rev 0; 10/15
logo
List of Unclassifed Man...
4171900XX-3 ETC2-4171900XX-3 Datasheet
2Mb / 3P
   Eliminates film judder and reduces blur caused by latent
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
   External components
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
[Old version datasheet]   No External Components
logo
IXYS Corporation
CPC5712 IXYS-CPC5712 Datasheet
233Kb / 11P
   Minimum External Components
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
   No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
   No external components
ILA7056 IKSEMICON-ILA7056 Datasheet
148Kb / 4P
   No external components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com