Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17243 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17243
Description  Eliminates External Components and Reduces Total Cost
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17243 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17243 Datasheet HTML 7Page - Maxim Integrated Products MAX17243 Datasheet HTML 8Page - Maxim Integrated Products MAX17243 Datasheet HTML 9Page - Maxim Integrated Products MAX17243 Datasheet HTML 10Page - Maxim Integrated Products MAX17243 Datasheet HTML 11Page - Maxim Integrated Products MAX17243 Datasheet HTML 12Page - Maxim Integrated Products MAX17243 Datasheet HTML 13Page - Maxim Integrated Products MAX17243 Datasheet HTML 14Page - Maxim Integrated Products MAX17243 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Figure 1. Internal Block Diagram
www.maximintegrated.com
Maxim Integrated │ 11
MAX17242/MAX17243
3.5V–36V, 2A/3A, Synchronous Buck Converter
with 15µA Quiescent Current and Reduced EMI
INTERNAL BIAS
REGULATOR
CONTROL
LOGIC
PV
SUPSW
BST
LX
PGND
PWM
SUP
EN
PGOOD
COMPARATOR
FEEDBACK
SELECT
LOGIC
SWITCHOVER
LOGIC
PGOOD HIGH LEVEL
PGOOD LOW LEVEL
FB
OUT
AGND
PV
PV
VREF = 1V
INTERNAL
SOFT-START
EAMP
COMP
OSCILLATOR
SPREAD
SPECTRUM
ON/OFF
FSYNC
SELECT
LOGIC
ZERO-
CROSSING
COMPARATOR
CONNECTED HI
(PWM MODE )
EXTERNAL
CLOCK
LX
CLK
SLOPE COMP
LOGIC
CURRENT -LIMIT
THRESHOLD
FSYNC
SPS
FOSC
PGOOD
CONNECTED LO
(PFM MODE )
BIAS
MAX17243
MAX17242


Similar Part No. - MAX17243

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17243 MAXIM-MAX17243 Datasheet
1Mb / 13P
   Preset 5V/3A Output
Rev 0; 8/16
MAX17243EVKIT MAXIM-MAX17243EVKIT Datasheet
1Mb / 13P
   Preset 5V/3A Output
Rev 0; 8/16
More results

Similar Description - MAX17243

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17232 MAXIM-MAX17232 Datasheet
1Mb / 24P
   Eliminates External Components and Reduces Total Cost
Rev 0; 2/16
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
   Eliminates External Components and Reduces
Rev 0; 4/16
MAX17245 MAXIM-MAX17245 Datasheet
1Mb / 17P
   Eliminates External Components and Reduces
Rev 0; 4/16
logo
List of Unclassifed Man...
HP04S ETC2-HP04S Datasheet
129Kb / 4P
   Low cost and no external components required.
4171900XX-3 ETC2-4171900XX-3 Datasheet
2Mb / 3P
   Eliminates film judder and reduces blur caused by latent
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
   External components
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
[Old version datasheet]   No External Components
logo
IXYS Corporation
CPC5712 IXYS-CPC5712 Datasheet
233Kb / 11P
   Minimum External Components
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
   No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
   No external components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com