Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17233ETI_+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17233ETI_+
Description  Eliminates External Components and Reduces Total Cost
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17233ETI_+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17233ETI_+ Datasheet HTML 7Page - Maxim Integrated Products MAX17233ETI_+ Datasheet HTML 8Page - Maxim Integrated Products MAX17233ETI_+ Datasheet HTML 9Page - Maxim Integrated Products MAX17233ETI_+ Datasheet HTML 10Page - Maxim Integrated Products MAX17233ETI_+ Datasheet HTML 11Page - Maxim Integrated Products MAX17233ETI_+ Datasheet HTML 12Page - Maxim Integrated Products MAX17233ETI_+ Datasheet HTML 13Page - Maxim Integrated Products MAX17233ETI_+ Datasheet HTML 14Page - Maxim Integrated Products MAX17233ETI_+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Pin Description (continued)
PIN
NAME
DESCRIPTION
12
PGOOD1
Open-Drain Power-Good Output for Buck 1. PGOOD1 is low if OUT1 is more than 15% (typ) below
the normal regulation point. PGOOD1 asserts low during soft-start and in shutdown. PGOOD1
becomes high impedance when OUT1 is in regulation. To obtain a logic signal, pullup PGOOD1
withanexternalresistorconnectedtoapositivevoltagelowerthan5.5V.Placeaminimumof100Ω
(RPGOOD1) in series with PGOOD1. See the Voltage Monitoring section for details.
13
PGOOD2
Open-Drain Power-Good Output for Buck 2. PGOOD2 is low if OUT2 is more than 15% (typ) below
the normal regulation point. PGOOD2 asserts low during soft-start and in shutdown. PGOOD2
becomes high impedance when OUT2 is in regulation. To obtain a logic signal, pullup PGOOD2 with
an external resistor connected to a positive voltage lower than 5.5V.
14
FSYNC
External Clock Synchronization Input. Synchronization to the controller operating frequency ratio is
1. Keep fSYNC a minimum of 10% greater than the maximum internal switching frequency for stable
operation. See the Switching Frequency/External Synchronization section.
15
FOSC
Frequency Setting Input. Connect a resistor from FOSC to AGND to set the switching frequency of
the DC-DC converters.
16
COMP2
Buck2ErrorAmplifierOutput.ConnectanRCnetworktoCOMP2tocompensatebuck2.
17
FB2
FeedbackInputforBuck2.ConnectFB2toBIASforthe3.3Vfixedoutputortoaresistivedivider
between OUT2 and GND to adjust the output voltage between 1V and 10V. In adjustable mode, FB2
regulates to 1V (typ). See the Setting the Output Voltage in Buck Converters section.
18
OUT2
Output Sense and Negative Current-Sense Input for Buck 2. When using the internal preset 3.3V
feedback-divider (FB2 = BIAS), the buck uses OUT2 to sense the output voltage. Connect OUT2 to
the negative terminal of the current-sense resistor. See the Current Limiting and Current-Sense Inputs
and Current-Sense Measurement sections.
19
CS2
Positive Current-Sense Input for Buck 2. Connect CS2 to the positive terminal of the current-sense
resistor. See the Current Limiting and Current-Sense Inputs and Current-Sense Measurement sections.
20
PGND2
Power Ground for Buck 2
21
DL2
Low-Side Gate Drive Output for Buck 2. DL2 output voltage swings from VPGND2 to VBIAS.
22
LX2
Inductor Connection for Buck 2. Connect LX2 to the switched side of the inductor. LX2 serves as the
lower supply rail for the DH2 high-side gate drive.
23
DH2
High-Side Gate Drive Output for Buck 2. DH2 output voltage swings from VLX2 to VBST2.
24
BST2
Boost Capacitor Connection for High-Side Gate Voltage of Buck 2. Connect a high-voltage diode
between BIAS and BST2. Connect a ceramic capacitor between BST2 and LX2. See the High-Side
Gate-Driver Supply (BST_) section.
25
EN2
High-Voltage Tolerant, Active-High Digital Enable Input for Buck 2. Driving EN2 high enables buck 2.
26
EN1
High-Voltage Tolerant, Active-High Digital Enable Input for Buck 1. Driving EN1 high enables buck 1.
27
BST1
Boost Capacitor Connection for High-Side Gate Voltage of Buck 1. Connect a high-voltage diode
between BIAS and BST1. Connect a ceramic capacitor between BST1 and LX1. See the High-Side
Gate-Driver Supply (BST_) section.
28
DH1
High-Side Gate-Drive Output for Buck 1. DH1 output voltage swings from VLX1 to VBST1.
EP
Exposed Pad. Connect the exposed pad to ground. Connecting the exposed pad to ground does not
remove the requirement for proper ground connections to PGND1, PGND2, and AGND. The exposed
pad is attached with epoxy to the substrate of the die, making it an excellent path to remove heat from
the IC.
MAX17232/MAX17233
3.5V–36V, 2.2MHz, Synchronous Dual Buck
Controller with 20µA Quiescent Current
www.maximintegrated.com
Maxim Integrated │ 11


Similar Part No. - MAX17233ETI_+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17233ETI_++ MAXIM-MAX17233ETI_+ Datasheet
1Mb / 24P
   3.5V??6V, 2.2MHz, Synchronous Dual Buck Con with 20關A Quiescent Current
2017
More results

Similar Description - MAX17233ETI_+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17242 MAXIM-MAX17242 Datasheet
564Kb / 18P
   Eliminates External Components and Reduces Total Cost
Rev 0; 10/15
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
   Eliminates External Components and Reduces
Rev 0; 4/16
MAX17245 MAXIM-MAX17245 Datasheet
1Mb / 17P
   Eliminates External Components and Reduces
Rev 0; 4/16
logo
List of Unclassifed Man...
HP04S ETC2-HP04S Datasheet
129Kb / 4P
   Low cost and no external components required.
4171900XX-3 ETC2-4171900XX-3 Datasheet
2Mb / 3P
   Eliminates film judder and reduces blur caused by latent
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
   External components
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
[Old version datasheet]   No External Components
logo
IXYS Corporation
CPC5712 IXYS-CPC5712 Datasheet
233Kb / 11P
   Minimum External Components
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
   No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
   No external components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com