Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17232ETIR+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX17232ETIR+
Description  Eliminates External Components and Reduces Total Cost
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17232ETIR+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX17232ETIR+ Datasheet HTML 3Page - Maxim Integrated Products MAX17232ETIR+ Datasheet HTML 4Page - Maxim Integrated Products MAX17232ETIR+ Datasheet HTML 5Page - Maxim Integrated Products MAX17232ETIR+ Datasheet HTML 6Page - Maxim Integrated Products MAX17232ETIR+ Datasheet HTML 7Page - Maxim Integrated Products MAX17232ETIR+ Datasheet HTML 8Page - Maxim Integrated Products MAX17232ETIR+ Datasheet HTML 9Page - Maxim Integrated Products MAX17232ETIR+ Datasheet HTML 10Page - Maxim Integrated Products MAX17232ETIR+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
(TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics (continued)
SWITCHING FREQUENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
5
4
3
2
1
2.12
2.14
2.16
2.18
2.20
2.22
2.24
2.26
2.28
2.30
2.10
0
6
BUCK 1
BUCK 2
SWITCHING FREQUENCY
vs. RFOSC (MAX17233)
RFOSC (kΩ)
15
25
30
2.4
2.2
2.0
1.8
1.6
1.4
1.2
0
0
20
VBIAS = 3.3V
VBIAS = 5V
SWITCHING FREQUENCY
vs. RFOSC (MAX17232)
RFOSC (kΩ)
160
150
130
140
60
70
80
90
100
110
120
40
50
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.2
30
170
VBIAS = 5V
VBIAS = 3.3V
SWITCHING FREQUENCY vs. TEMPERATURE
TEMPERATURE (°C)
20 40
80
120
-20
-40
0
60
100
140
2.10
2.05
2.30
2.25
2.15
2.35
2.20
2.40
2.00
-60
RFOSC = 13.7kΩ
EXTERNAL SYNC TRANSITION
toc12
VLX1
10V/div
VLX2
10V/div
VSYNC
2V/div
400ns/div
LOAD TRANSIENT RESPONSE
toc11
VOUT1
100mV/div
IOUT1
1A/div
400µs/div
DIPS AND DROPS
toc13
VBAT
10V/div
VPGOOD1
5V/div
VOUT1
5V/div
40ms/div
MAX17232/MAX17233
3.5V–36V, 2.2MHz, Synchronous Dual Buck
Controller with 20µA Quiescent Current
Maxim Integrated │ 7
www.maximintegrated.com


Similar Part No. - MAX17232ETIR+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17232ETI_++ MAXIM-MAX17232ETI_+ Datasheet
1Mb / 24P
   3.5V??6V, 2.2MHz, Synchronous Dual Buck Con with 20關A Quiescent Current
2017
More results

Similar Description - MAX17232ETIR+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17242 MAXIM-MAX17242 Datasheet
564Kb / 18P
   Eliminates External Components and Reduces Total Cost
Rev 0; 10/15
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
   Eliminates External Components and Reduces
Rev 0; 4/16
MAX17245 MAXIM-MAX17245 Datasheet
1Mb / 17P
   Eliminates External Components and Reduces
Rev 0; 4/16
logo
List of Unclassifed Man...
HP04S ETC2-HP04S Datasheet
129Kb / 4P
   Low cost and no external components required.
4171900XX-3 ETC2-4171900XX-3 Datasheet
2Mb / 3P
   Eliminates film judder and reduces blur caused by latent
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
   External components
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
[Old version datasheet]   No External Components
logo
IXYS Corporation
CPC5712 IXYS-CPC5712 Datasheet
233Kb / 11P
   Minimum External Components
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
   No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
   No external components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com